Electronic Components Datasheet Search
  English  ▼

X  

LM124 Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM124
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM124 Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM124 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LM124,LM124A,LM224,LM224A
LM324,LM324A,LM324Y,LM2902,LM2902Q
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066E-SEPTEMBER 1975-REVISED FEBRUARY1997
www.artschip.com
5
Electrical characteristics at specified free-air temperature, Vcc=5V (unless otherwise noted)
LM124, LM224
LM324
LM2902,LM2902Q
PARAMETER
TEST CONDITIONS†
TA
MIN
TYP§ MAX
MIN TYP§ MAX
MIN
TYP§
MAX
UNIT
25℃
3
5
3
7
3
7
VIO Input offset voltage
Vcc=5V to MAX,
VIC=VICR
min, Vo=1.4V
Full range
7
9
10
mV
25℃
2
30
2
50
2
50
IIO Input offset current
VO=1.4V
Full range
100
150
300
nA
25℃
-20
-150
-20
-250
-20
-250
IIB Input bias current
VO=1.4V
Full range
-30
-500
-500
nA
25℃
0 to
Vcc -
1.5V
0 to
Vcc -
1.5V
0 to
Vcc -
1.5V
VICR Common-mode input voltage
range
VCC=5V to MAX
Full range
0 to
Vcc -
2
0 to
Vcc -
2
0 to
Vcc -
2
V
RL=2 KΩ
25℃
Vcc – 1.5
Vcc – 1.5
Vcc – 1.5
RL=10 KΩ
25℃
Vcc=MAX, RL=2k
Ω
Full range
26
26
22
VOH High-level output voltage
Vcc=MAX, RL≥10kΩ
Full range
27
28
27
28
23
24
V
VOL Low-level output voltage
RL≤10kΩ
Full range
5
20
5
20
5
20
mV
25℃
50
100
25
100
100
AVD Large-signal differential
Voltage amplification
Vcc=15V, Vo=1V to 11V
RL=≥2KΩ
Full range
25
15
15
V/mV
CMRR Common-mode rejection ratio VIC=VICRmin
25℃
70
80
65
80
50
80
dB
kSVR Supply-voltage rejection ration
(ΔVcc/ΔVIO)
25℃
65
100
65
100
50
100
dB
V01/V02 Crosstalk attenuation
F=1kHz to 20kHz
25℃
120
120
120
dB
25℃
-20
-30
60
-20
-30
-60
-20
-30
-60
Vcc=15V, VID=1V,
VO=0
Full range
-10
-10
-10
25℃
10
20
10
20
10
20
Vcc=15V, VID=-1V,
Vo=15V
Full range
5
5
5
mA
Io
Output current
VID=-1V, Vo=200mV
25℃
12
30
12
30
30
µA
IOS Short-circuit output current
Vcc at 5V
Vo=0
GND at -5V
25℃
±40
±60
±40
±60
±40
±60
mA
Vo=2.5V,
No load
Full range
0.7
1.2
0.7
1.2
0.7
1.2
Icc Supply current (four amplifiers)
Vcc=MAX,
Vo=0.5 Vcc, No load
Full range
1.4
3
1.4
3
1.4
3
mA
†All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. MAX Vcc for
testing purposes is 26V for LM2902 and LM2902Q, 30V for the others.
Full range is -55℃ to 125℃ for LM124, -25℃ to 85℃ for LM224, 0℃ to 70℃ for LM324, and -40℃ to 125℃ for LM2902 and LM2902Q.
§All typical values are at TA=25℃.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com