Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 14 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM2576
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM2576 Datasheet(HTML) 14 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button LM2576 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 14Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 15Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 16Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 17Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 18Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
LM2576/LM2576HV
www.artschip.com
14
LM2576 Series Buck Regulator Design Procedure (Continued)
PROCEDURE (Adjustable Output Voltage Versions)
EXAMPLE (Adjustable Output Voltage Versions)
2. Inductor Selection (L1) A. Calculate the inductor Volt
Microsecond constant, E●
T (V●μS), from the following
formula:
B. Use the E●
T value from the previous formula and
match it with E● T number on the vertical axis of the
Inductor Value Selection Guide shown in Figure 7. C. On
the horizontal axis, select the maximum load current. D.
Identify the inductance region intersected by the E● T
value and the maximum load current value, and note the
inductor code for that region. E. Identify the inductor value
from the table shown in Figure 9. Part numbers are listed
for three inductor manufacturers. The inductor chosen
must be rated for operation at the LM2576 switching
frequency (52KHz) and for a current rating of 1.15 X LLOAD.
For additional inductor information, see the inductor section in
the application hints section of this data sheet.
3. Output Capacitor Selection (COUT) A. The value of the output
capacitor together with the inductor defines the dominate
pole-pair of the switching regulator loop. For stable operation, the
capacitor must satisfy the following requirement:
The above formula yields capacitor values between 10μF and
2200 μ F that will satisfy the loop requirements for stable
operation. But to achieve an acceptable output ripple voltage,
(approximately 1% of the output voltage) and transient response,
the output capacitor may need to be several times larger than the
above formula yields. B. The capacitor’s voltage rating should be
at last 1.5 times greater than the output voltage. For a 10V
regulator, a rating of at least 15V or more is recommended.
Higher voltage electrolytic capacitors generally have lower ESR
numbers, and for this reason it may be necessary to select a
capacitor rate for a higher voltage than would normally be
needed.
4.Catch Diode Selection (D1) A. The catch-diode current rating
must be at least 1.2 times greater than the maximum load
current. Also, if the power supply design must withstand a
continuous output short, the diode should have a current rating
equal to the maximum current limit of the LM2576. The most
stressful condition for this diode is and overload or shorted
output. See diode selection guide in Figure 8. B. The reverse
voltage rating of the diode should be at least 1.25 times the
maximum input voltage.
5.Input Capacitor (CIN) An aluminum or tantalum electrolytic
bypass capacitor located close to the regulator is needed for
stable operation.
2.Inductor Selection (L1) A. Calculate E●
T(V ●μS )
B. E●
T=115 V ●μs C. ILOAD(Max)=3A D. Inductance
Region = H150 E. Inductor Value = 150μ
H Choose from AIE
part #415-0936 Pulse Engineering part #PE-531115, or Renco
part #RL2445.
3.Output Capacitor Selection (COUT)
However, for acceptable output ripple voltage select COUT≥680
μ
F COUT=680μF electrolytic capacitor
4.Catch Diode Selection (D1) A. For this example, a 3.3A
current rating is adequate. B. Use a 30V 31DQ03 Schottky diode,
or any of the suggested fast-recovery diodes in Figure8.
5.Input Capacitor (CIN) A 100 μ F aluminum electrolytic
capacitor located near the input and ground pins provides
sufficient bypassing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com