Electronic Components Datasheet Search
  English  ▼

X  

MAX481 Datasheet(PDF) 16 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MAX481
Description  Low-Power, Slew-Rate-Limited Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MAX481 Datasheet(HTML) 16 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button MAX481 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX481 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX481 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX481 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX481 Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX481 Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX481 Datasheet HTML 14Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX481 Datasheet HTML 15Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX481 Datasheet HTML 16Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
L
α
C
A1
B
DIM
A
A1
B
C
D
E
e
H
L
α
MIN
0.036
0.004
0.010
0.005
0.116
0.116
0.188
0.016
0°
MAX
0.044
0.008
0.014
0.007
0.120
0.120
0.198
0.026
6°
MIN
0.91
0.10
0.25
0.13
2.95
2.95
4.78
0.41
0°
MAX
1.11
0.20
0.36
0.18
3.05
3.05
5.03
0.66
6°
INCHES
MILLIMETERS
8-PIN µMAX
MICROMAX SMALL-OUTLINE
PACKAGE
0.65
0.0256
A
e
E
H
D
21-0036D
MAX488/MAX490
MAX489/MAX491
ARTSCHIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com