Electronic Components Datasheet Search
  English  ▼

X  

FMRX2AMD Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # FMRX2AMD
Description  Five-function remote control receiving IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

FMRX2AMD Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  FMRX2AMD Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FMRX2AMD Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FMRX2AMD Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
FMRX2AM(文件编号:S&CIC1110)
五功能遥控接收 IC
第 1 页 共 3 页
一、 概述
FMRX2AM 是用于遥控玩具车设计的无线接收集成电路,采用了功率 MOS 工艺制造。可直接驱动马达,
FMRX2AM 有五个功能来控制遥控车的运动状态:前进、后退、左转、右转、加速。
二、 特点
工作电压范围:1.5V~7.6V;
内置升压值 3.6V;
直接驱动车仔马达;
具有过热保护功能;
只需极少量的外围元件;
五个功能控制(左右输出电流加大);
较宽的信号频率容忍度;
封装形式:SOP-16、DIP-16。
三、 产品应用
用于玩具遥控车。
四、 引脚说明
封装图
序号
引脚
引脚说明
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
8-Jul-2013
Sheet of
File:
E:\E盘\规格书\规格图\规格图-0\ZBO\FMRX2M.ddb
Drawn By:
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VO1
VO2
VI1
VI2
GND
SI
OSCI
OSCO
LX
LEFT
RIGHT
VDD
FORW
GNDP
BACK
VDDP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VO1
VO2
VI1
VI2
GND
SI
OSCI
OSCO
LX
LEFT
RIGHT
VDD
FORW
GNDP
BACK
VDDP
DIP-16(FMRX2AMD)
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
8-Jul-2013
Sheet of
File:
E:\E盘\规格书\规格图\规格图-0\ZBO\FMRX2M.ddb
Drawn By:
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VO1
VO2
VI1
VI2
GND
SI
OSCI
OSCO
LX
LEFT
RIGHT
VDD
FORW
GNDP
BACK
VDDP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VO1
VO2
VI1
VI2
GND
SI
OSCI
OSCO
LX
LEFT
RIGHT
VDD
FORW
GNDP
BACK
VDDP
SOP-16(FMRX2AMS)
1
V02
二级放大输出
2
GND
芯片地
3
SI
编码信号输入引脚
4
OSCI
振荡输入脚
5
OSCO
振荡输出脚
6
LX
升压脉冲输出脚
7
LEFT
左转
8
RIGHT
右转
9
VDDP
功率电源脚
10
BACK
后退
11
GNDP
功率地脚
12
FORW
前进
13
VDD
芯片电源
14
VI1
一级放大输入
15
VO1
一级放大输出
16
VI2
二级放大输入


Similar Part No. - FMRX2AMD

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FMRX2M FUMAN-FMRX2M Datasheet
182Kb / 3P
Five-function remote control receiving IC
FMRX2MD FUMAN-FMRX2MD Datasheet
182Kb / 3P
Five-function remote control receiving IC
FMRX2MS FUMAN-FMRX2MS Datasheet
182Kb / 3P
Five-function remote control receiving IC
More results

Similar Description - FMRX2AMD

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9134P TOSHIBA-TC9134P Datasheet
1Mb / 18P
32-FUNCTION REMOTE CONTROL RECEIVING LSI
logo
Panasonic Semiconductor
AN5026K PANASONIC-AN5026K Datasheet
162Kb / 2P
REMOTE CONTROL RECEIVING IC
logo
SamHop Microelectronics...
SM-T2 SAMHOP-SM-T2 Datasheet
55Kb / 8P
REMOTE CONTROLLER WITH FIVE FUNCTION
logo
SHENZHEN FUMAN ELECTRON...
FMRX2M FUMAN-FMRX2M Datasheet
182Kb / 3P
Five-function remote control receiving IC
SCTX2B FUMAN-SCTX2B Datasheet
269Kb / 7P
Five-function remote control IC
SCTX2CS FUMAN-SCTX2CS Datasheet
271Kb / 7P
Five-function remote control IC
SCTX8A FUMAN-SCTX8A Datasheet
301Kb / 6P
Same frequency three-car remote control receiving/transmitting IC
TC4016 FUMAN-TC4016 Datasheet
363Kb / 5P
Four/five function remote control toy car launch IC
TCRX3E FUMAN-TCRX3E Datasheet
102Kb / 2P
Two-function remote control receiving IC
TCX3E FUMAN-TCX3E Datasheet
194Kb / 3P
Two-function remote control IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com