Electronic Components Datasheet Search
  English  ▼

X  

MAX707C Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MAX707C
Description  Low-Cost, pervisory Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MAX707C Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MAX707C Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707C Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707C Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707C Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707C Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707C Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707C Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707C Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707C Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MAX705-MAX813L
Low-Cost, µP Supervisory Circuit
www.artschip.com
2
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX705CPA
0℃ to +70℃
8 Plastic DIP
MAX705CSA
0℃ to +70℃
8 SO
MAX705CUA
0℃ to +70℃
8µMAX
MAX705C/D
0℃ to +70℃
Dice*
Ordering Information continued at end of data sheet.
*Dice are specified at TA=+25 .
℃
**Contact factory for availability and processing to MIL-STD-883.
ABSOLUTE MAXIMUM RATINGS
Terminal Voltage (with respect to GND)
Vcc……………………………………..-0.3V to 6.0V
All Other Inputs (Note 1)………………-0.3V to (Vcc+0.3V)
Input Current
Vcc………………………………………20mA
GND……………………………………...20mA
Output Current (all outputs)…………………20mA
Continuous Power Dissipation
Plastic DIP (derate 9.09 mW/
above +70 )…727mW
℃℃
SO (derate 5.88mW/
above +70 )……………….471mW
℃℃
µMAX (derate 4.10mW/℃ above +70 )………
℃
..…..330mW
CERDIP (derate 8.00mW/℃ above +70℃)………….640mW
Operating Temperature Ranges
MAX70_C_, MAX813LC_..............................0
to +70
℃℃
MAX70_E_, MAX813LE_…………..………..-40℃ to +85℃
MAX70_MJA………...………………………-55℃ to +125℃
Storage Temperature Range………………….-65℃ to +160℃
Lead Temperature (soldering, 10sec)………….………+300℃
Note 1: The input voltage limits on PFI and MR can be exceeded if the input current is less than 10mA.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com