Electronic Components Datasheet Search
  English  ▼

X  

MAX708C Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MAX708C
Description  Low-Cost, pervisory Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MAX708C Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MAX708C Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX708C Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX708C Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX708C Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX708C Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX708C Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX708C Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX708C Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX708C Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MAX705-MAX813L
Low-Cost, µP Supervisory Circuit
www.artschip.com
1
General Description
The
MAX705-MAX708/MAX813L
microprocessor
(µP)
supervisory circuits reduce the complexity and number of
components required to monitor power-supply and battery
functions in µP systems. These devices significantly improve
system reliability and accuracy compared to separate ICs or
discrete components.
The MAX705/MAX706/MAX813L provide four functions:
1)A reset output during power-up, power-down, and brownout
conditions.
2) An independent watchdog output that goes low if the
watchdog input has not been toggled within 1.6 seconds.
3)A 1.25V threshold detector for power-fail warning,
low-battery detection, or for monitoring a power supply other
than +5V.
4) An active-low manual-reset input.
The MAX707/MAX708 are the same as the MAX705/MAX706,
except an active-high reset is substituted for the watchdog
timer. The MAX813L is the same as the MAX705, except
RESET is provided instead of RESET.
Two supply-voltage monitor levels are available: The
MAX705/MAX707/MAX813L generate a reset pulse when the
supply
voltage
drops
below
4.65V,
while
the
MAX706/MAX708 generate a reset pulse below 4.40V. All four
parts are available in 8-pin DIP, SO and µMAX packages.
Applications
Computers
Controllers
Intelligent Istruments
Automotive Systems
Critical µP Power Monitoring
Features
µMAX Package: Smallest 8-Pin SO
Guaranteed RESET Valid at Vcc=1V
Precision Supply-Voltage Monitor
4.65V in MAX705/MAX707/MAX813L
4.40V in MAX706/MAX708
200ms Reset Pulse Width
Debounced TTL/CMOS-Compatible Manual-Reset Input
Independent
Watchdog
Timer
–
1.6sec
Timeout
(MAX705/MAX706)
Active-high Reset Output (MAX707/MAX708/MAX813L)
Voltage Monitor for Power-Fail or Low-Battery Warning
Typical Operating Circuit
Pin Configurations
TOP VIEW
()ARE FOR MAX813L ONLY.
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX708C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX708C/D MAXIM-MAX708C/D Datasheet
99Kb / 12P
Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
MAX708C/D MAXIM-MAX708C/D Datasheet
169Kb / 12P
Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
MAX708C/D MAXIM-MAX708C/D Datasheet
229Kb / 12P
Low-Cost, Supervisory Circuits
Rev. 9; 1/13
MAX708CPA MAXIM-MAX708CPA Datasheet
99Kb / 12P
Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
MAX708CPA MAXIM-MAX708CPA Datasheet
169Kb / 12P
Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
More results

Similar Description - MAX708C

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2008B TEMIC-U2008B Datasheet
122Kb / 10P
Low Cost Current Feedback Phase Control Circuit
logo
STMicroelectronics
ST7-STICK STMICROELECTRONICS-ST7-STICK Datasheet
75Kb / 2P
Low Cost, In-Circuit Programmer for ST7
Feb-2005
logo
XFMRS Inc.
XF0010-HP XFMRS-XF0010-HP Datasheet
32Kb / 2P
LOW COST
logo
SG Micro Corp
SGM358 SGMICRO-SGM358_15 Datasheet
404Kb / 12P
Low-Cost, Microprocessor Supervisory Circuit
SGM706 SGMICRO-SGM706 Datasheet
331Kb / 12P
Low-Cost, Microprocessor Supervisory Circuit
SGM708 SGMICRO-SGM708 Datasheet
349Kb / 12P
Low-Cost, Microprocessor Supervisory Circuit
logo
CTS Corporation
744C083103JP CTS-744C083103JP Datasheet
182Kb / 4P
Low Cost
logo
Recom International Pow...
RKE-H RECOM-RKE-H Datasheet
256Kb / 4P
Low Cost
logo
SG Micro Corp
SGM706 SGMICRO-SGM706_18 Datasheet
1,016Kb / 13P
Low-Cost, Microprocessor Supervisory Circuit
SGM708 SGMICRO-SGM708_18 Datasheet
1Mb / 13P
Low-Cost, Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com