Electronic Components Datasheet Search
  English  ▼

X  

QBSERIES Datasheet(PDF) 4 Page - DATEL, Inc.

Part # QBSERIES
Description  Wide Input Range 180 to 425 Volts Up to 150 Watts DC-DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

QBSERIES Datasheet(HTML) 4 Page - DATEL, Inc.

  QBSERIES Datasheet HTML 1Page - DATEL, Inc. QBSERIES Datasheet HTML 2Page - DATEL, Inc. QBSERIES Datasheet HTML 3Page - DATEL, Inc. QBSERIES Datasheet HTML 4Page - DATEL, Inc. QBSERIES Datasheet HTML 5Page - DATEL, Inc. QBSERIES Datasheet HTML 6Page - DATEL, Inc. QBSERIES Datasheet HTML 7Page - DATEL, Inc. QBSERIES Datasheet HTML 8Page - DATEL, Inc. QBSERIES Datasheet HTML 9Page - DATEL, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
July 31 2017 A.01
QB SERIES Quarter-Brick
Wide Input Range 180 to 425 Volts
Up to 150 Watts DC-DC Converter
EFFICIENCY
PARAMETER
CONDITIONS
Device
Min.
Typical
Max.
Units
Full Load
Vin=Nominal Vin, Tc=25°C
Vo=5V
86
%
Vo=12V
89
Vo=15V
89
Vo=24V
Vo=28V
Vo=48V
88.5
88.5
89
ISOLATION CHARACTERISTICS
PARAMETER
CONDITIONS
Model
Min.
Typical
Max.
Units
Isolation Voltage
1minute; input/output
All
3000
Volts
1 minute; input/case, output/case
All
2500/500
Isolation Resistance
All
100
MΩ
Isolation Capacitance
Output/case
All
10
nF
FEATURE CHARACTERISTICS
PARAMETER
CONDITIONS
Model
Min.
Typical
Max.
Units
Switching Frequency
All
330
360
390
KHz
On/Off Control, Positive Remote On/Off logic
Logic Low (Module Off)
Von/off at Ion/off=1.0mA
All
1.2
V
Logic High (Module On)
Von/off at Ion/off=0.0uA
All
3.5 or
Open
Circuit
75
V
On/Off Control, Negative Remote On/Off logic
Logic High (Module Off)
Von/off at Ion/off=0.0uA
All
3.5 or
Open
Circuit
75
V
Logic Low (Module On)
Von/off at Ion/off=1.0mA
All
1.2
V
On/Off Current (for both remote
on/off logic)
Ion/off at Von/off=0.0V
All
0.3
1
mA
Leakage Current (for both remote on/off
logic)
Logic High, Von/off=15V
All
30
µA
Off Converter Input Current
Shutdown input idle current
All
5
10
mA
Output Voltage Trim Range
Pout=max rated power
All
-20
+10
%
Output Over Voltage Protection
All
115
125
140
%
Over-Temperature Shutdown
All
110
°C
Over-Temperature Recovery
All
100
°C
Page
4 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com