Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  2C Accurate Digital Temperature Sensor with SPI Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175 Datasheet(HTML) 1 Page - Texas Instruments

  TMP175 Datasheet HTML 1Page - Texas Instruments TMP175 Datasheet HTML 2Page - Texas Instruments TMP175 Datasheet HTML 3Page - Texas Instruments TMP175 Datasheet HTML 4Page - Texas Instruments TMP175 Datasheet HTML 5Page - Texas Instruments TMP175 Datasheet HTML 6Page - Texas Instruments TMP175 Datasheet HTML 7Page - Texas Instruments TMP175 Datasheet HTML 8Page - Texas Instruments TMP175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
D DIGITAL OUTPUT: SPI-Compatible Interface
D RESOLUTION: 10-Bit, 0.25°C
D ACCURACY:
±2.0°C (max) from −25°C to +85°C
±2.5°C (max) from −40°C to +125°C
D LOW QUIESCENT CURRENT: 50µA (max)
D WIDE SUPPLY RANGE: 2.7V to 5.5V
D TINY SOT23-6 PACKAGE
D OPERATION FROM −40°C to +125°C
APPLICATIONS
D BASE STATION EQUIPMENT
D COMPUTER PERIPHERAL THERMAL
PROTECTION
D NOTEBOOK COMPUTERS
D DATA ACQUISITION SYSTEMS
D TELECOM EQUIPMENT
D OFFICE MACHINES
TMP125 RELATED PRODUCTS
FEATURES
PRODUCT
2
°C Digital Temp Sensors with Two-Wire Interface
TMP100/101
1.5
°C Digital Temp Sensors with Two-Wire Interface
TMP75/175
1.5
°C Digital Temp Sensors with SPI
TMP121/123
1.5
°C Programmable Digital Temp Sensors with SPI
TMP122/124
DESCRIPTION
The TMP125 is an SPI-compatible temperature sensor
available in the tiny SOT23-6 package. Requiring no
external
components,
the
TMP125 is capable of
measuring temperatures within 2
°C of accuracy over a
temperature range of −25
°C to +85°C and 2.5°C of
accuracy over −40
°C to +125°C. Low supply current, and
a supply range from 2.7V to 5.5V, make the TMP125 an
excellent candidate for low-power applications.
The TMP125 is ideal for extended thermal measurement
in a variety of communication, computer, consumer,
environmental,
industrial,
and
instrumentation
applications.
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
TMP125
Temperature
SI
GND
1
2
3
6
5
4
V+
SO
CS
SCK
TMP125
SBOS323 − DECEMBER 2004
2
°C Accurate Digital Temperature Sensor
with SPI
 Interface
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI is a registered trademark of Motorola. All other trademarks are the property of their respective owners.


Similar Part No. - TMP175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175 Datasheet
446Kb / 31P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
logo
Guangdong Youtai Semico...
TMP175 UMW-TMP175 Datasheet
874Kb / 18P
Low-Power, LM75-Compatible Digital Temperature Sensor WithS MBus and I 2C Interface
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
755Kb / 33P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
NOVEMBER 2015
More results

Similar Description - TMP175

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
Digital Temperature Sensor with SPI??Interface
2002
logo
Texas Instruments
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
logo
Analog Devices
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
2C Accurate, Micropower Digital Temperature Sensor
Rev. B
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
2째C Accurate Digital Temperature Sensor with SPI Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
Accurate Digital Temperature Sensor with SPI田?Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com