Electronic Components Datasheet Search
  English  ▼

X  

FECS45 Datasheet(PDF) 1 Page - Figaro Engineering Inc.

Part # FECS45
Description  Evaluation Module Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIGARO [Figaro Engineering Inc.]
Direct Link  https://www.figaro.co.jp/en/
Logo FIGARO - Figaro Engineering Inc.

FECS45 Datasheet(HTML) 1 Page - Figaro Engineering Inc.

  FECS45 Datasheet HTML 1Page - Figaro Engineering Inc. FECS45 Datasheet HTML 2Page - Figaro Engineering Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EM-FECS(A) - Evaluation Module for FECS-series Sensors
PRODUCT INFORMATION
Features:
* Converts sensor output current to voltage output
* Compatible with all FECS-series sensors
* Anti-polarization circuit during power OFF period
Description:
The EM-FECS(A) evaluation module is designed to
perform the testing and evaluation of the three-electrode
electrochemical gas sensors in the FECS-series. Since
the output voltage (VOUT) corresponding to the sensitivity
characteristics can be obtained, the characteristics of the
FECS sensor can be easily evaluated.
Operation:
The FECS-series sensor is placed into the sensor socket on the EM-
FECS(A). If target gas is present, the output current generated from
the FECS-series sensor (*1) is converted into output voltage. A linear
relationship exists between output voltage and target gas concentration.
By measuring in advance the output voltage in a known target gas
concentration, that gas concentration can be calculated from the
measured output voltage values. (*2)
*1
FormoredetailedspecificationsofFECS-seriessensors,
refer to Product Information for each model.
*2
The main function of this module is to simply convert
sensor output current into voltage output without
temperature compensation.
Item
Specification
Model No.
EM-FECS(A)
Product name
Evaluation module for FECS-series
sensors
Target gases
CO (FECS40-1000)
NO (FECS41-250)
NO2 (FECS42-20)
SO2 (FECS43-20)
NH3 (FECS44-100/200/1000/5000)
Cl2 (FECS45-10)
H2S (FECS50-100)
Input voltage range (VIN)
5.0 ± 0.2V DC
Current consumption
<2.0mA
Output voltage (VOUT)
- 1.00±0.05V DC in zero air
[FECS40-1000, FECS41-250,
FECS43-20, FECS50-100, FECS44-
100/200/1000/5000]
- 4.00±0.05V DC in zero air
[FECS42-20, FECS45-10]
Operating conditions
0~60˚C, <95%RH (no condensation)
For more details of operating
conditions, refer to Product
Information for each model.
Dimensions:
CP7
CP6
VR1
3.0
3.0
1.6
45.0
12.0
M9080
sensor
FECS-series
sockets
Sensor
unit:mm
*FECS-series sensor is to be put in the sensor socket as
shown in the above photo.
*Suggestedfemaleconnectorsmatingtothe5-pinconnector
(JST MB5P-90S):
JST XHP-5P or JST 05JQ-BT
Specifications:


Similar Part No. - FECS45

ManufacturerPart #DatasheetDescription
logo
Figaro Engineering Inc.
FECS45-10 FIGARO-FECS45-10 Datasheet
328Kb / 2P
Detection of Chlorine
More results

Similar Description - FECS45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
EVALUATION MODULE
ADS126XEVM-PDK TI1-ADS126XEVM-PDK Datasheet
2Mb / 38P
Evaluation module
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
Evaluation Module
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
Evaluation Module
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
logo
Linx Technologies
EVM-900-RC-CAS LINX-EVM-900-RC-CAS Datasheet
1Mb / 7P
Evaluation Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com