Electronic Components Datasheet Search
  English  ▼

X  

TGS821 Datasheet(PDF) 1 Page - Figaro Engineering Inc.

Part # TGS821
Description  Special Sensor for Hydrogen Gas
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIGARO [Figaro Engineering Inc.]
Direct Link  https://www.figaro.co.jp/en/
Logo FIGARO - Figaro Engineering Inc.

TGS821 Datasheet(HTML) 1 Page - Figaro Engineering Inc.

  TGS821 Datasheet HTML 1Page - Figaro Engineering Inc. TGS821 Datasheet HTML 2Page - Figaro Engineering Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FIGARO
PRODUCT INFORMATION
Applications:
Features:
TGS 821 - Special Sensor for Hydrogen Gas
* High sensitivity and selectivity to hydrogen
gas
* Good repeatability in measurement and
excellent stability
* Uses simple electrical circuit
* Ceramic base resistant to severe
environment
* Hydrogen gas detection for:
- transformer maintenance
- batteries
- steel industry usage
- etc.
The sensing element of Figaro gas sensors is a tin dioxide (SnO2) semiconductor
which has low conductivity in clean air. In the presence of a detectable gas, the
sensor's conductivity increases depending on the gas concentration in the air. A
simple electrical circuit can convert the change in conductivity to an output signal
which corresponds to the gas concentration.
The TGS 821 has high sensitivity and selectivity to hydrogen gas. The sensor can
detect concentrations as low as 50ppm, making it ideal for a variety of industrial
applications.
The figure below represents typical sensitivity char-acteristics,
all data having been gathered at standard test conditions (see
reverse side of this sheet). The Y-axis is indicated as
sensor
resistance ratio (Rs/Ro) which is defined as follows:
Rs = Sensor resistance of displayed gases at
various concentrations
Ro = Sensor resistance at 100ppm of hydrogen
The figure below represents typical temperature and humidity
dependency characteristics. Again, the Y-axis is indicated as
sensor resistance ratio (Rs/Ro), defined as follows:
Rs = Sensor resistance at 100ppm of hydrogen
at various temperatures/humidities
Ro = Sensor resistance at 100ppm of hydrogen
at 20
°C and 65% R.H.
Temperature/Humidity Dependency:
Sensitivity Characteristics:
0.01
0.1
1
10
100
10
100
1000
10000
Concentration (ppm)
Air
Methane
Ethanol
Carbon monoxide
Hydrogen
0.5
0.6
0.7
0.8
0.9
1
2
-20
-10
0
1020304050
Ambient Temperature (°C)
3
R.H.
35%
65%
95%
IMPORTANT NOTE: OPERATING CONDITIONS IN WHICH FIGARO SENSORS ARE USED WILL VARY WITH EACH CUSTOMER’S SPECIFIC APPLICATIONS. FIGARO STRONGLY
RECOMMENDS CONSULTING OUR TECHNICAL STAFF BEFORE DEPLOYING FIGARO SENSORS IN YOUR APPLICATION AND, IN PARTICULAR, WHEN CUSTOMER’S TARGET GASES
ARE NOT LISTED HEREIN. FIGARO CANNOT ASSUME ANY RESPONSIBILITY FOR ANY USE OF ITS SENSORS IN A PRODUCT OR APPLICATION FOR WHICH SENSOR HAS NOT BEEN
SPECIFICALLY TESTED BY FIGARO.


Similar Part No. - TGS821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGS821 ETC-TGS821 Datasheet
113Kb / 2P
SPECIAL SENSOR FOR HYDROGEN GAS
More results

Similar Description - TGS821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGS821 ETC-TGS821 Datasheet
113Kb / 2P
SPECIAL SENSOR FOR HYDROGEN GAS
logo
Integrated Device Techn...
SGAS701 IDT-SGAS701 Datasheet
714Kb / 16P
Trace Hydrogen Sensor
logo
Lightel Technologies IN...
LTL-H2-500 LIGHTEL-LTL-H2-500 Datasheet
182Kb / 2P
Hydrogen Gas Generator
logo
Figaro Engineering Inc.
TGS6812-D00 FIGARO-TGS6812-D00 Datasheet
230Kb / 2P
Hydrogen, Methane, and LP Gas
logo
Zhengzhou Winsen Electr...
ME4-H2 WINSEN-ME4-H2 Datasheet
468Kb / 6P
Hydrogen Gas Sensor
MQ136 WINSEN-MQ136 Datasheet
558Kb / 6P
Hydrogen Sulfide Gas Sensor
GM-602B WINSEN-GM-602B Datasheet
834Kb / 7P
MEMS Hydrogen Sulfide/H2S Gas Sensor
ME3-H2S WINSEN-ME3-H2S Datasheet
438Kb / 5P
Electrochemical Hydrogen Sulfide Gas Sensor
ME4-H2S WINSEN-ME4-H2S Datasheet
638Kb / 6P
Hydrogen Sulfide Gas Sensor
logo
Renesas Technology Corp
SMOD701 RENESAS-SMOD701 Datasheet
506Kb / 11P
Hydrogen Gas Smart Sensing Module
Rev.1.1 Apr 13, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com