Electronic Components Datasheet Search
  English  ▼

X  

SC573 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC573
Description  300mA Low-Noise LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC573 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC573 Datasheet HTML 9Page - Semtech Corporation SC573 Datasheet HTML 10Page - Semtech Corporation SC573 Datasheet HTML 11Page - Semtech Corporation SC573 Datasheet HTML 12Page - Semtech Corporation SC573 Datasheet HTML 13Page - Semtech Corporation SC573 Datasheet HTML 14Page - Semtech Corporation SC573 Datasheet HTML 15Page - Semtech Corporation SC573 Datasheet HTML 16Page - Semtech Corporation SC573 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SC573
14
Final Rev2.1
Applications Information (continued)
Example
A SC573LH is used to provide an output voltage of 3.3V
at 150mA. The input voltage is 4.2V, and the ambient
temperature of the system is 60°C.
P
D= 0.15 X (4.2 – 3.3)
= 0.135W
and
T
J = 60°C + (0.135W x 262°C/W*) = 95.4°C
This calculation shows that the junction temperature is
about 95°C and is well below the allowed maximum
junction temperature of 125°C for this power dissipation.
Layout Considerations
The diagram in Figure 3 below illustrates proper layout of
a circuit. The layout considerations are listed below:
• Attach pin 2 (GND) of the device to a copper pad
with vias connected to the GND plane. This
enables better heat transfer from the device to
the PCB.
• Place the input and output capacitors close to
the device for optimal transient response and
device behavior. Extra copper trace length
between the device input and output to the
capacitor soldering pad introduces parasitic
inductance.
• Connect all ground connections of the input and
output capacitors directly to the ground plane
whenever possible to minimize ground potential
differences on the PCB. Shown in the evaluation
board layout below, the SC573 ground pins,
input and output capacitors are all connected to
the ground plane through vias.
Figure 3 — SC573 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com