Electronic Components Datasheet Search
  English  ▼

X  

SC2599EVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2599EVB
Description  Low Voltage DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2599EVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC2599EVB Datasheet HTML 1Page - Semtech Corporation SC2599EVB Datasheet HTML 2Page - Semtech Corporation SC2599EVB Datasheet HTML 3Page - Semtech Corporation SC2599EVB Datasheet HTML 4Page - Semtech Corporation SC2599EVB Datasheet HTML 5Page - Semtech Corporation SC2599EVB Datasheet HTML 6Page - Semtech Corporation SC2599EVB Datasheet HTML 7Page - Semtech Corporation SC2599EVB Datasheet HTML 8Page - Semtech Corporation SC2599EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SC2599
2
Pin Configuration
1
2
3
45
6
7
8
GN D
E N
VTTS
VR EF
V DDQ
VD D
VIN
VTT
Therm al
PAD
Ordering Information
Marking Information
C99
Yw
Notes:
(1)
Available in tape and reel only. A reel contains 3000 devices.
(2)
Lead-free packaging only. Device is WEEE and RoHS compliant
and halogen-free.
Device
Package
SC2599ULTRC(1)(2)
MLPD8
SC2599EVB
Evaluation Board
nnn = Part Number (Example: C99)
Yw = Datecode
MLPD8 - 2mm x 2mm x 0.6mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com