Electronic Components Datasheet Search
  English  ▼

X  

SC3203 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC3203
Description  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC3203 Datasheet HTML 12Page - Semtech Corporation SC3203 Datasheet HTML 13Page - Semtech Corporation SC3203 Datasheet HTML 14Page - Semtech Corporation SC3203 Datasheet HTML 15Page - Semtech Corporation SC3203 Datasheet HTML 16Page - Semtech Corporation SC3203 Datasheet HTML 17Page - Semtech Corporation SC3203 Datasheet HTML 18Page - Semtech Corporation SC3203 Datasheet HTML 19Page - Semtech Corporation SC3203 Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
SC3203
19
NO TES:
1. CO NTRO LLING DIM ENSIO NS ARE IN M ILLIM ETERS (ANGLES IN DEGREES).
2. THIS LAND PATTERN IS FO R REFERENCE PURPOSE ONLY.
CO NSULT YO UR M ANUFACTURING GROUP TO ENSURE YOUR
CO M PANY'S M ANUFACTURING GUIDELINES ARE M ET.
3. THERM AL VIAS IN THE LAND PATTERN OF THE EXPOSED PAD SHALL BE
CO NNECTED TO A SYSTEM G RO UND PLANE. FAILURE TO DO SO M AY
CO M PRO M ISE THE THERM AL AND/O R FUNCTIONAL PERFORM ANCE OF
THE DEVICE.
4. REFERENCE IPC-SM -782A, SECTION 9.1, RLP NO. 300A.
DIM ENSIONS
DIM M ILLIM ETERS
C
(5.30)
D
3.50
E
5.10
F
2.60
G
3.20
P
1.27
X
0.60
Y
2.10
Z
7.40
Y
G
Z
X
P
F
(C)
D
E
THERM AL VIA
Ø 0.36m m
SO LDER
M ASK
Land Pattern — SOIC8-EP5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com