Electronic Components Datasheet Search
  English  ▼

X  

SC4212LM Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4212LM
Description  High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212LM Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4212LM Datasheet HTML 4Page - Semtech Corporation SC4212LM Datasheet HTML 5Page - Semtech Corporation SC4212LM Datasheet HTML 6Page - Semtech Corporation SC4212LM Datasheet HTML 7Page - Semtech Corporation SC4212LM Datasheet HTML 8Page - Semtech Corporation SC4212LM Datasheet HTML 9Page - Semtech Corporation SC4212LM Datasheet HTML 10Page - Semtech Corporation SC4212LM Datasheet HTML 11Page - Semtech Corporation SC4212LM Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SC4212LM
8
Typical Characteristics (Continued)
Power Supply Ripple Rejection
Output Spectral Noise Density
Power Supply Ripple Rejection
Output Spectral Noise Density
Unless noted otherwise C
IN=10µF/10V X7R 0805, COUT=10µF/10V X7R 0805.
CBYP = NP
Vin = 1.8V, Vo = 0.5V, Io = 1A
Vin = 1.8V, Vo = 0.5V, Io = 25mA
CBYP = 470nF
CBYP = NP, RL = 50Ω
CBYP = 470nF, RL = 50Ω
Vn RMS (10Hz to 100kHz):
36.4µVrms, Vo = 0.5V
83.0µVrms, Vo = 1.2V
225.6µVrms, Vo = 3.3V
Vn RMS (10Hz to 100kHz):
15.7µVrms, Vo = 0.5V
36.9µVrms, Vo = 1.2V
85.7µVrms, Vo = 3.3V
CBYP = NP
CBYP = 470nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com