Electronic Components Datasheet Search
  English  ▼

X  

GS82032T Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # GS82032T
Description  64K x 32 2M Synchronous Burst SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS82032T Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button GS82032T Datasheet HTML 15Page - List of Unclassifed Manufacturers GS82032T Datasheet HTML 16Page - List of Unclassifed Manufacturers GS82032T Datasheet HTML 17Page - List of Unclassifed Manufacturers GS82032T Datasheet HTML 18Page - List of Unclassifed Manufacturers GS82032T Datasheet HTML 19Page - List of Unclassifed Manufacturers GS82032T Datasheet HTML 20Page - List of Unclassifed Manufacturers GS82032T Datasheet HTML 21Page - List of Unclassifed Manufacturers GS82032T Datasheet HTML 22Page - List of Unclassifed Manufacturers GS82032T Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Rev: 1.04 2/2001
21/23
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS82032T/Q-150/138/133/117/100/66
TQFP and QFP Package Drawing
E1
E
b
e
c
L
L1
A2
A1
θ
Notes:
1. All dimensions are in millimeters (mm).
2. Package width and length do not include mold protrusion
TQFP
QFP
Symbol
Description
Min.
Nom.
Max
Min.
Nom.
Max
A1
Standoff
0.05
0.10
0.15
0.25
0.35
0.45
A2
Body Thickness
1.35
1.40
1.45
2.55
2.72
2.90
b
Lead Width
0.20
0.30
0.40
0.20
0.30
0.40
c
Lead Thickness
0.09
—
0.20
0.10
0.15
0.20
D
Terminal Dimension
21.9
22.0
22.1
22.95
23.2
23.45
D1
Package Body
19.9
20.0
20.1
19.9
20.0
20.1
E
Terminal Dimension
15.9
16.0
16.1
17.0
17.2
17.4
E1
Package Body
13.9
14.0
14.1
13.9
14.0
14.1
e
Lead Pitch
—
0.65
—
—
0.65
—
L
Foot Length
0.45
0.60
0.75
.60
0.80
1.00
L1
Lead Length
—
1.00
—
1.60
—
Y
Coplanarity
—
—
0.10
—
—
0.10
θ
Lead Angle
0
°
—
7
°
0
°
—
7
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com