Electronic Components Datasheet Search
  English  ▼

X  

M74HC123 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HC123
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC123 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC123 Datasheet HTML 3Page - STMicroelectronics M74HC123 Datasheet HTML 4Page - STMicroelectronics M74HC123 Datasheet HTML 5Page - STMicroelectronics M74HC123 Datasheet HTML 6Page - STMicroelectronics M74HC123 Datasheet HTML 7Page - STMicroelectronics M74HC123 Datasheet HTML 8Page - STMicroelectronics M74HC123 Datasheet HTML 9Page - STMicroelectronics M74HC123 Datasheet HTML 10Page - STMicroelectronics M74HC123 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
M74HC123
7/12
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC’ Duty/100
+ Ic/2(per monostable) (Icc’ : Active Supply current) (Duty : %)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH tPHL Propagation Delay
Time
(A, B - Q, Q)
2.0
102
210
265
315
ns
4.5
29
42
53
63
6.0
22
36
45
54
tPLH tPHL Propagation Delay
Time(CLR
TRIGGER - Q, Q)
2.0
102
235
295
355
ns
4.5
31
47
59
71
6.0
23
40
50
60
tPLH tPHL Propagation Delay
Time
(CLR - Q, Q)
2.0
68
160
200
240
ns
4.5
20
32
40
48
6.0
16
27
34
41
tWOUT
Output Pulse Width
2.0
Cx = 100 pF
Rx = 10K
Ω
1.4
µs
4.5
1.2
6.0
1.1
2.0
Cx = 0.1
µF
Rx = 100K
Ω
4.6
ms
4.5
4.4
6.0
4.3
∆t
WOUT
Output Pulse Width
Error Between
Circuits in Same
Package
±1
%
tW(H)
tW(L)
Minimum Pulse
Width
2.0
75
95
110
ns
4.5
15
19
22
6.0
13
16
19
tW(L)
Minimum Pulse
Width (CLR)
2.0
75
95
110
ns
4.5
15
19
22
6.0
13
16
19
trr
Minimum Retrigger
Time
2.0
Cx = 100 pF
Rx = 10K
Ω
325
ns
4.5
108
6.0
78
2.0
Cx = 0.1
µF
Rx = 100K
Ω
5
µs
4.5
1.4
6.0
1.2
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
162
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com