Electronic Components Datasheet Search
  English  ▼

X  

MCS2400 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MCS2400
Description  PHOTON COUPLED ISOLATOR Ga As INFRARED EMITTING DIODE AND LIGHT ACTIVATED SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCS2400 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MCS2400 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS2400 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS2400 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS2400 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
1
2
3
4
On state voltage V
T ( V )
Maximum Transient Thermal Impedence
0
0.2
0.4
0.6
0.8
1.0
On state current (
Α )
On State Characteristics
25
50
75
100
dV/dt vs. Ambient temperature
Holding Current vs. Ambient
Temperature
10
Normalized to
V
AK = 50V
R
GK =10kΩ
T
A = 25 °C
R
GK =300Ω
10k
Ω
27k
Ω
56k
Ω
1k
Ω
0.001
0.01
0.1
1 2 4 10
100
Time (seconds)
Off State Forward Current vs.
Ambient Temperature
Ambient temperature T
A ( °C )
0
25
50
75
100
Normalized to
V
AK = 50V
T
A = 25 °C
On State Current vs. Maximum
Allowable Temperature
10
100
0
1
2
4
10
20
40
100
200
400
2000
1000
4000
10000
-60 -40 -20
0
20 40 60
80 100 120
Ambient temperature T
A ( °C )
1. Lead temperature measured at the
widest portion of the SCR anode lead.
2. Ambient temperature measured at
a point 1/2" from the device.
Junction to ambient
1
2
4
10
20
40
100
200
400
1000
V
AK = 400V
V
AK = 50V
20
40
100
200
400
1000
4000
10000
2000
V
AK = 200V
1. Ambient temp. half-sine wave avg
2. Ambient temp. DC current
3. Anode lead temp. half-sine wave avg
4. Anode lead temp. DC current
1.
2.
4.
3.
20
30
40
50
60
70
80
90
R
GK =300Ω
10k
Ω
27k
Ω
56k
Ω
1k
Ω
0.1
1
10
40
100
4
0.4
400
1000
Ambient temperature T
A ( °C )
Increases to forward
breakover voltage
0.01
0.02
0.04
0.1
0.2
0.4
1
2
13/11/97
DB92283-AAS/A3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com