Electronic Components Datasheet Search
  English  ▼

X  

MCS2400X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCS2400X
Description  PHOTON COUPLED ISOLATOR Ga As INFRARED EMITTING DIODE AND LIGHT ACTIVATED SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCS2400X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCS2400X Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS2400X Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS2400X Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS2400X Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
DB92283-AAS/A3
APPROVALS
l
UL recognised, File No. E91231
'X' SPECIFICATION APPROVALS
l
l
VDE 0884 in 2 available lead forms : -
- STD
- G form
DESCRIPTION
The MCS2, MCS2400 are optically coupled
isolators consisting of infrared light emitting
diode and a light activated silicon controlled
rectifier in a standard 6pin dual in line plastic
package.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
High Surge Anode Current (5.0 A)
l
High Blocking Voltage (200V*1, 400V*1)
l
Low Turn on Current (5mA typical)
l
All electrical parameters 100% tested
l
Custom electrical selections available
APPLICATIONS
l
10A, T2L compatible, Solid State Relay
l
25W Logic Indicator Lamp Driver
l
400V Symmetrical transistor coupler
MCS2400X
MCS2400,MCS2
PHOTON COUPLED ISOLATOR Ga As
INFRARED EMITTING DIODE &
LIGHT ACTIVATED SCR
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
60mA
Forward Current (Peak)
(1
µs pulse, 300pps)
3A
Reverse Voltage
6V
Power Dissipation
100mW
DETECTOR
Peak Forward Voltage
MCS2
200V*1
MCS2400
400V*1
Peak Reverse Gate Voltage
6V
RMS On-state Current
300mA
Peak On-state Current
(100
µs, 1% duty cycle)
10A
Surge Current (10ms)
5A
Power Dissipation
300mW
*1 IMPORTANT : A resistor must be connected
between gate and cathode (pins 4 & 6) to prevent false
firing (R
GK < 56kΩ)
1
3
4
6
2
5
Dimensions in mm
2.54
7.0
6.0
7.62
max.
0.5
min.
3.9
3.1
5.1
max.
15°
Max
0.25
0.48
8.3 max.
OPTION G
8.3 max
SURFACE MOUNT
OPTION SM
10.16
10.2
9.5
0.26
1.2
0.6
1.4
0.9
13/11/97
ISOCOM INC
1024 S. Greenville Ave, Suite 240,
Allen, TX 75002 USA
Tel:(214)495-0755 Fax:(214)495-0901
e-mail info@isocom.com
http://www.isocom.com


Similar Part No. - MCS2400X

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MCS2400 NJSEMI-MCS2400 Datasheet
44Kb / 1P
Photo SCR
More results

Similar Description - MCS2400X

ManufacturerPart #DatasheetDescription
logo
GE Solid State
MCS21 GESS-MCS21 Datasheet
94Kb / 2P
PHOTON COUPLED ISOLATOR
CNY48 GESS-CNY48 Datasheet
91Kb / 2P
PHOTON COUPLED ISOLATOR
CNY33 GESS-CNY33 Datasheet
234Kb / 6P
PHOTON COUPLED ISOLATOR CNY33
logo
PerkinElmer Optoelectro...
GE3009 PERKINELMER-GE3009 Datasheet
62Kb / 2P
PHOTON COUPLED ISOLATOR
logo
List of Unclassifed Man...
H74A1 ETC-H74A1 Datasheet
59Kb / 2P
PHOTON COUPLED ISOLATOR
logo
GE Solid State
CNY32 GESS-CNY32 Datasheet
92Kb / 2P
PHOTON COUPLED ISOLATOR
logo
List of Unclassifed Man...
CNY34 ETC1-CNY34 Datasheet
69Kb / 4P
PHOTON COUPLED ISOLATOR Ga As LIGHT ACTIVATED SCR
H11V2 ETC1-H11V2 Datasheet
125Kb / 3P
Photon Coupled Isolator
logo
New Jersey Semi-Conduct...
4N29 NJSEMI-4N29 Datasheet
171Kb / 1P
Photon Coupled Isolator
4N35 NJSEMI-4N35 Datasheet
191Kb / 2P
Photon Coupled Isolator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com