Electronic Components Datasheet Search
  English  ▼

X  

GPR25L3203F Datasheet(PDF) 21 Page - Generalplus Technology Inc.

Part # GPR25L3203F
Description  3V, 32M-BIT [x 1/x 2/x 4] CMOS MXSMIO(SERIAL MULTI I/O) FLASH MEMORY
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR25L3203F Datasheet(HTML) 21 Page - Generalplus Technology Inc.

Back Button GPR25L3203F Datasheet HTML 17Page - Generalplus Technology Inc. GPR25L3203F Datasheet HTML 18Page - Generalplus Technology Inc. GPR25L3203F Datasheet HTML 19Page - Generalplus Technology Inc. GPR25L3203F Datasheet HTML 20Page - Generalplus Technology Inc. GPR25L3203F Datasheet HTML 21Page - Generalplus Technology Inc. GPR25L3203F Datasheet HTML 22Page - Generalplus Technology Inc. GPR25L3203F Datasheet HTML 23Page - Generalplus Technology Inc. GPR25L3203F Datasheet HTML 24Page - Generalplus Technology Inc. GPR25L3203F Datasheet HTML 25Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
GPR25L3203F
© Generalplus Technology Inc.
Proprietary & Confidential
21
Jul. 09, 2015
Version: 1.0
10.16.Sector Erase (SE)
The Sector Erase (SE) instruction is for erasing the data of the
chosen sector to be "1". The instruction is used for any 4K-byte
sector. A Write Enable (WREN) instruction must execute to set the
Write Enable Latch (WEL) bit before sending the Sector Erase
(SE). Any address of the sector (see "Table 3. Memory
Organization" ) is a valid address for Sector Erase (SE) instruction.
The CS# must go high exactly at the byte boundary (the least
significant bit of the address has been latched-in); otherwise, the
instruction will be rejected and not executed.
The sequence of issuing SE instruction is: CS# goes low →
sending SE instruction code→ 3-byte address on SI →CS# goes
high.
The SIO[3:1] are don't care.
The self-timed Sector Erase Cycle time (tSE) is initiated as soon
as Chip Select (CS#) goes high. The Write in Progress (WIP) bit
still can be checked while the Sector Erase cycle is in progress.
The WIP sets during the tSE timing, and clears when Sector Erase
Cycle is completed, and the Write Enable Latch (WEL) bit is
cleared. If the sector is protected by BP3~0, the array data will be
protected (no change) and the WEL bit still be reset.
Figure 19. Sector Erase (SE) Sequence (Command 20)
10.17.Block Erase (BE)
The Block Erase (BE) instruction is for erasing the data of the
chosen block to be "1". The instruction is used for 64K-byte block
erase operation. A Write Enable (WREN) instruction must be
executed to set the Write Enable Latch (WEL) bit before sending
the Block Erase (BE). Any address of the block (see "Table 3.
Memory Organization") is a valid address for Block Erase (BE)
instruction. The CS# must go high exactly at the byte boundary
(the least significant bit of address byte has been latched-in);
otherwise, the instruction will be rejected and not executed.
The sequence of issuing BE instruction is: CS# goes low →
sending BE instruction code → 3-byte address on SI → CS# goes
high.
The SIO[3:1] are don't care.
The self-timed Block Erase Cycle time (tBE) is initiated as soon as
Chip Select (CS#) goes high. The Write in Progress (WIP) bit still
can be checked while the Sector Erase cycle is in progress. The
WIP sets during the tBE timing, and clears when Sector Erase
Cycle is completed, and the Write Enable Latch (WEL) bit is
cleared. If the block is protected by BP3~0, the array data will be
protected (no change) and the WEL bit still be reset.
Figure 20. Block Erase (BE) Sequence (Command D8)
10.18.Block Erase (BE32K)
The Block Erase (BE32K) instruction is for erasing the data of the
chosen block to be "1". The instruction is used for 32K-byte block
erase operation. A Write Enable (WREN) instruction must be
executed to set the Write Enable Latch (WEL) bit before sending
the Block Erase (BE32K). Any address of the block (see "Table 3.
Memory Organization" ) is a valid address for Block Erase (BE32K)
instruction. The CS# must go high exactly at the byte boundary
(the least significant bit of address byte has been latched-in);
otherwise, the instruction will be rejected and not executed.
The sequence of issuing BE32K instruction is: CS# goes low →
sending BE32K instruction code → 3-byte address on SI → CS#
goes high.
The SIO[3:1] are don't care.
The self-timed Block Erase Cycle time (tBE32K) is initiated as
soon as Chip Select (CS#) goes high. The Write in Progress (WIP)
bit still can be checked while the Sector Erase cycle is in progress.
The WIP sets during the tBE32K timing, and clears 0 when Sector
Erase Cycle is completed, and the Write Enable Latch (WEL) bit is
cleared. If the block is protected by BP3~0, the array data will be
protected (no change) and the WEL bit still be reset.
Figure 21. Block Erase 32KB (BE32K) Sequence (Command 52)
10.19.Chip Erase (CE)
The Chip Erase (CE) instruction is for erasing the data of the
whole chip to be "1". A Write Enable (WREN) instruction must be
executed to set the Write Enable Latch (WEL) bit before sending
the Chip Erase (CE). The CS# must go high exactly at the byte
boundary; otherwise, the instruction will be rejected and not
executed.
The sequence of issuing CE instruction is: CS# goes low →



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com