Electronic Components Datasheet Search
  English  ▼

X  

GPR25L6403F Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPR25L6403F
Description  3V, 64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR25L6403F Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPR25L6403F Datasheet HTML 1Page - Generalplus Technology Inc. GPR25L6403F Datasheet HTML 2Page - Generalplus Technology Inc. GPR25L6403F Datasheet HTML 3Page - Generalplus Technology Inc. GPR25L6403F Datasheet HTML 4Page - Generalplus Technology Inc. GPR25L6403F Datasheet HTML 5Page - Generalplus Technology Inc. GPR25L6403F Datasheet HTML 6Page - Generalplus Technology Inc. GPR25L6403F Datasheet HTML 7Page - Generalplus Technology Inc. GPR25L6403F Datasheet HTML 8Page - Generalplus Technology Inc. GPR25L6403F Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
GPR25L6403F
© Generalplus Technology Inc.
Proprietary & Confidential
4
Jul. 06, 2015
Version: 1.0
3V, 64M-BIT [x 1/x 2/x 4] CMOS MXSMIO
®
(SERIAL MULTI I/O) FLASH MEMORY
1. FEATURES
1.1. GENERAL
• Supports Serial Peripheral Interface -- Mode 0 and Mode 3
• 67,108,864 x 1 bit structure or 33,554,432 x 2 bits (two I/O
read mode) structure or 16,777,216 x 4 bits (four I/O mode)
structure
• 2048 Equal Sectors with 4K bytes each
­
Any Sector can be erased individually
• 256 Equal Blocks with 32K bytes each
­
Any Block can be erased individually
• 128 Equal Blocks with 64K bytes each
­
Any Block can be erased individually
• Power Supply Operation
­
2.65 ~ 3.6 volt for read, erase, and program operations
• Latch-up protected to 100mA from -1V to Vcc +1V
1.2. PERFORMANCE
• High Performance
VCC = 2.65~3.6V
­
Normal read
­
50MHz
­
Fast read
­
FAST_READ, DREAD, QREAD: 133MHz with 8 dummy
cycles
­
2READ: 80MHz with 4 dummy cycle, 133MHz with 8
dummy cycle
­
4READ: 80MHz with 6 dummy cycle, 133MHz with 10
dummy cycle
­
Configurable dummy cycle number for 2READ and 4READ
operation
­
8/16/32/64 byte Wrap-Around Burst Read Mode
• Low Power Consumption
• Typical 100,000 erase/program cycles
• 20 years data retention
1.3. SOFTWARE FEATURES
• Input Data Format
­
1-byte Command code
• Advanced Security Features
­
Block lock protection
The BP0-BP3 and T/B status bits define the size of the area to be
protected against program and erase instructions
• Additional 8K-bit bit security OTP
­
Features unique identifier
­
Factory locked identifiable, and customer lockable
• Auto Erase and Auto Program Algorithms
­
Automatically erases and verifies data at selected sector
­
Automatically programs and verifies data at selected page
by an internal algorithm that automatically times the
program pulse width (Any page to be programmed should
have page in the erased state first.)
• Status Register Feature
• Command Reset
• Program/Erase Suspend
• Program/Erase Resume
• Electronic Identification
­
JEDEC 1-byte Manufacturer ID and 2-byte Device ID
­
RES command for 1-byte Device ID
• Support Serial Flash Discoverable Parameters (SFDP) mode
1.4. HARDWARE FEATURES
• SCLK Input
­
Serial clock input
• SI/SIO0
­
Serial Data Input or Serial Data Input/Output for 2 x I/O
mode or Serial Data Input/Output for 4 x I/O mode
• SO/SIO1
­
Serial Data Output or Serial Data Input/Output for 2 x I/O
mode or Serial Data Input/Output for 4 x I/O mode
• WP#/SIO2
­
Hardware write protection or serial data Input/Output for 4 x
I/O mode
• HOLD#/SIO3
­
To pause the device without deselecting the device or serial
data Input/Output for 4 x I/O mode
• PACKAGE
­
8-pin SOP (200mil)
­ All devices are RoHS Compliant and Halogen-free
2. GENERAL DESCRIPTION
GPR25L6403F is 64Mb bits serial Flash memory, which is
configured as 8,388,608 x 8 internally. When it is in four I/O mode,
the structure becomes 16,777,216 bits x 4. When it is in two I/O
mode, the structure becomes 33,554,432 bits x 2. GPR25L6403F
feature a serial peripheral interface and software protocol
allowing operation on a simple 3-wire bus while it is in single I/O
mode. The three bus signals are a clock input (SCLK), a serial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com