Electronic Components Datasheet Search
  English  ▼

X  

ESP8285 Datasheet(PDF) 6 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8285
Description  32-bit MCU & 2.4 GHz Wi-Fi SoCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8285 Datasheet(HTML) 6 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8285 Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
#
1. Overview
1.
Overview
Espressif’s ESP8285 delivers highly integrated Wi-Fi SoC solution to meet users’
continuous demands for efficient power usage, compact design and reliable performance
in the Internet of Things industry.
With the complete and self-contained Wi-Fi networking capabilities, ESP8285 can perform
either as a standalone application or as the slave to a host MCU. When ESP8285 hosts the
application, it promptly boots up from the flash. The integrated high-speed cache helps to
increase the system performance and optimize the system memory. Also, ESP8285 can be
applied to any microcontroller design as a Wi-Fi adaptor through SPI/SDIO or UART
interfaces.
ESP8285 integrates antenna switches, RF balun, power amplifier, low noise receive
amplifier, filters and power management modules. The compact design minimizes the PCB
size and requires minimal external circuitries.
Besides the Wi-Fi functionalities, ESP8285 also integrates an enhanced version of
Tensilica’s L106 Diamond series 32-bit processor and on-chip SRAM. It can be interfaced
with external sensors and other devices through the GPIOs. Software Development Kit
(SDK) provides sample codes for various applications.
Espressif Systems’ Smart Connectivity Platform (ESCP) enables sophisticated features
including:
•
Fast switch between sleep and wakeup mode for energy-efficient purpose;
•
Adaptive radio biasing for low-power operation
•
Advance signal processing
•
Spur cancellation and RF co-existence mechanisms for common cellular, Bluetooth,
DDR, LVDS, LCD interference mitigation
1.1. Wi-Fi Key Features
•
802.11 b/g/n support
•
802.11n support (2.4 GHz), up to 72.2 Mbps
•
Defragmentation
•
2 x virtual Wi-Fi interface
•
Automatic beacon monitoring (hardware TSF)
•
Support Infrastructure BSS Station mode/SoftAP mode/Promiscuous mode
•
Antenna diversity

Espressif
# /#
1 25
2018.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com