Electronic Components Datasheet Search
  English  ▼

X  

MMBT3906 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MMBT3906
Description  GENERAL PURPOSE APPLICATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MMBT3906 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MMBT3906 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MMBT3906 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MMBT3906 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MMBT3906 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
ORDERING INFORMATION
SOT−23
1
2
3
MMBT3906
WWW.ARTSCHIP.COM
Device
Package
Shipping†
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOT −23
(Pb−Free)
3000 / Tape & Reel
MMBT3906
COLLECTOR
3
1
BASE
2
EMITTER
GENERAL PURPOSE
APPLICATION
FEATURES
* Collector-Emitter Voltage: VCEO=40V
* Collector Dissipation:
PD(MAX)=350mW
* Complementary to MMBT3904


Similar Part No. - MMBT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT3906 PHILIPS-MMBT3906 Datasheet
48Kb / 8P
PNP switching transistor
2000 Apr 11
logo
STMicroelectronics
MMBT3906 STMICROELECTRONICS-MMBT3906 Datasheet
58Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Jun-2002
logo
Transys Electronics
MMBT3906 TRSYS-MMBT3906 Datasheet
202Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBT3906 FAIRCHILD-MMBT3906 Datasheet
49Kb / 6P
PNP General Purpose Amplifier
More results

Similar Description - MMBT3906

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
General purpose application
BC857F KODENSHI-BC857F Datasheet
284Kb / 4P
General purpose application
BC857U KODENSHI-BC857U Datasheet
274Kb / 4P
General purpose application
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
General purpose application
BC846U KODENSHI-BC846U Datasheet
268Kb / 4P
General purpose application
BC846UF KODENSHI-BC846UF Datasheet
179Kb / 3P
General purpose application
SBC557 KODENSHI-SBC557 Datasheet
99Kb / 3P
General purpose application
SBT2222AU KODENSHI-SBT2222AU Datasheet
241Kb / 4P
General purpose application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com