Electronic Components Datasheet Search
  English  ▼

X  

MMBT5551 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MMBT5551
Description  HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MMBT5551 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MMBT5551 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MMBT5551 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MMBT5551 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MMBT5551 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
ORDERING INFORMATION
SOT−23
1
2
3
COLLECTOR
3
1
BASE
2
EMITTER
MMBT5551
WWW.ARTSCHIP.COM
Device
Package
Shipping†
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOT −23
(Pb−Free)
3000 / Tape & Reel
MMBT5551
HIGH VOLTAGE SWITCHING
TRANSISTOR
FEATURES
* High Collector-Emitter Voltage: VCEO=160V
* High current gain


Similar Part No. - MMBT5551

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBT5551 FAIRCHILD-MMBT5551 Datasheet
222Kb / 5P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBT5551 DIODES-MMBT5551 Datasheet
47Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 4 - 2
logo
ON Semiconductor
MMBT5551 ONSEMI-MMBT5551 Datasheet
97Kb / 6P
High Voltage Transistors
December, 2004 ??Rev. 4
More results

Similar Description - MMBT5551

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N5551 UTC-2N5551 Datasheet
53Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5401 UTC-PZT5401 Datasheet
52Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1759 KEXIN-2SA1759 Datasheet
52Kb / 2P
High-Voltage Switching Transistor
logo
Unisonic Technologies
2N5551 UTC-2N5551_10 Datasheet
175Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5401 UTC-MMDT5401 Datasheet
110Kb / 3P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5551 UTC-MMDT5551 Datasheet
110Kb / 3P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMBT5401 UTC-MMBT5401_15 Datasheet
116Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5401 UTC-PZT5401_15 Datasheet
103Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5551 UTC-PZT5551_15 Datasheet
199Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5401 UTC-MMDT5401_15 Datasheet
106Kb / 3P
HIGH VOLTAGE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com