Electronic Components Datasheet Search
  English  ▼

X  

MMBT8050 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MMBT8050
Description  LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MMBT8050 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MMBT8050 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MMBT8050 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MMBT8050 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MMBT8050 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
ORDERING INFORMATION
SOT−23
1
2
3
COLLECTOR
3
1
BASE
2
EMITTER
MMBT8050
WWW.ARTSCHIP.COM
Device
Package
Shipping†
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOT −23
(Pb−Free)
3000 / Tape & Reel
MMBT8050
LOW VOLTAGE HIGH
CURRENT SMALL SIGNAL
NPN TRANSISTOR
DESCRIPTION
The
is a low voltage high current small signal NPN
transistor, designed for Class B push-pull audio amplifier and
general purpose applications.
FEATURES
*Collector current up to 1000mA
*Collector-Emitter voltage up to 25V
*Complementary to MMBT8550
MMBT8050


Similar Part No. - MMBT8050

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBT8050 SEMTECH_ELEC-MMBT8050 Datasheet
145Kb / 2P
NPN Silicon Epitaxial Planar Transistor
logo
Kingtronics Internation...
MMBT8050 KINGTRONICS-MMBT8050 Datasheet
313Kb / 2P
For switching and amplifier applications
logo
Nanjing International G...
MMBT8050 DGNJDZ-MMBT8050 Datasheet
62Kb / 2P
NPN Silicon Epitaxial Planar Transistor
logo
Bytesonic Electronics C...
MMBT8050 BYTESONIC-MMBT8050 Datasheet
485Kb / 3P
TRANSISTOR(NPN)
2016/6/27
logo
Dongguan Pingjingsemi T...
MMBT8050 PJSEMI-MMBT8050 Datasheet
639Kb / 3P
NPN Transistor
More results

Similar Description - MMBT8050

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC8050S UTC-UTC8050S Datasheet
89Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
S8050 UTC-S8050 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
8050S UTC-8050S Datasheet
188Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
HE8050 UTC-HE8050 Datasheet
123Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
HE8051 UTC-HE8051_07 Datasheet
58Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
S8050 UTC-S8050_09 Datasheet
121Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
8050S UTC-8050S_11 Datasheet
190Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
E-Tech Electronics LTD
G8050S ETL-G8050S Datasheet
168Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
G8051S ETL-G8051S Datasheet
162Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
Unisonic Technologies
D965SS UTC-D965SS_15 Datasheet
215Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com