Electronic Components Datasheet Search
  English  ▼

X  

NE555 Datasheet(PDF) 9 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # NE555
Description  PRECISION TIMERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

NE555 Datasheet(HTML) 9 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button NE555 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NE555,SA555,SE555
PRECISION TIMERS
www.artschip.com
9
APPLICATION INFORMATION
Pin numbers shown are for the D, JG, P, PS, and PW packages.
Note A: The modulating signal can be direct or capacitively
coupled to CONT. For direct coupling, the effects of
modulation source voltage and impedance on the bias
of the timer should be considered.
Figure 18. Circuit for Pulse-Width Modulation
Time – 0.5ms/div
Figure 19. Pulse-Width-Modulation Waveforms
Pulse-position modulation
As shown in Figure 20, any of these timers can be used as a pulse-position modulator. This application modulates the threshold
voltage and, thereby, the time delay, of a free-running oscillator. Figure 21 shows a triangular-wave modulation signal for such a
circuit; however, any wave shape could be used.
Pin numbers shown are for the D, JG, P, PS, and PW packages.
NOTE A: The modulating signal can be direct or capacitively
coupled to CONT. For direct coupling, the effects of modulation
source voltage and impedance on the bias of the timer should
be considered.
Figure 20. Circuit for Pulse-Position Modulation
Time – 0.1 ms/div
Figure 21. Pulse – Position – Modulation Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com