Electronic Components Datasheet Search
  English  ▼

X  

PAM8403 Datasheet(PDF) 12 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # PAM8403
Description  Filterless 3W Class-D Stereo Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

PAM8403 Datasheet(HTML) 12 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button PAM8403 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403 Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
PAM8403
Filterless 3W Class-D Stereo Audio Amplifier
Outline Dimension
D
e
B
C
θ
Dimensions Millimeters
Symbol
Min
Max
A
1.350
1.750
A1
0.100
0.250
A2
1.350
1.550
B
0.330
0.510
C
0.190
0.250
D
9.800
10.000
E
3.800
4.000
E1
5.800
6.300
e1.270(TYP)
L
0.400
1.270
θ0º
SOP-16
www.chinaelite.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com