Electronic Components Datasheet Search
  English  ▼

X  

NE555DR Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # NE555DR
Description  PRECISION TIMERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

NE555DR Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  NE555DR Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555DR Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555DR Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555DR Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555DR Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555DR Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555DR Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555DR Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555DR Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
NE555,SA555,SE555
PRECISION TIMERS
www.artschip.com
1
Timing From Microseconds to Hours
Astable or Monostable Operation
Adjustable Duty Cycle
TTL-Compatible Output Can Sink or Source Up To 200 mA
Description/ordering information
These devices are precision timing circuits capable of
producing accurate time delays or oscillation. In the
time-delay or monostable mode of operation, the timed
interval is controlled by a single external resistor and capacitor
network. In the astable mode of operation, the frequency and
duty cycle can be controlled independently with two external
resistors and a single external capacitor.
The threshold and trigger levels normally are two-thirds and
one-third, respectively, of Vcc. These levels can be altered by
use of the control-voltage terminal. When the trigger input falls
below the trigger level, the flip-flop is set and the output goes
high. If the trigger input is above the trigger level and the
threshold input is above the trigger level and the threshold
input is above the threshold level, the flip-flop is reset and the
output is low. The reset (RESET) input can override all other
inputs and can be used to initiate a new timing cycle. When
RESET goes low, the flip-flop is reset and the output goes low.
When the output is low, a low-impedance path is provided
between discharge (DISCH) and ground.
The output circuit is capable of sinking or sourcing current up
to 200 mA. Operation is specified for supplies of 5V to 15V.
With a 5-V supply, output levels are compatible with TTL
inputs.
NE555…D, P, PS, OR PW
PACKAGE
SA555… D OR P PACKAGE
SE555… D, JG, OR P
PACKAGE
(TOP VIEW)
SE555…FK PACKAGE
(TOP VIEW)
NC-NO internal Connection
Description/ordering information (continued)
ORDERING INFORMATION
TA
VTHRES
MAX
VCC=15V
PACKAGE †
ORDERABLE
PARTNUMBER
TOP-SIDE
MARKING
PDIP(P)
Tube of 50
NE555P
NE555P
Tube of 75
NE555D
SOIC (D)
Reel of 2500
NE555DR
NE555
SOP(PS)
Reel of 2000
NE555PSR
N555
Tube of 150
NE555PW
0℃ to 70℃
11.2V
TSSOP(PW)
Reel of 2000
NE555PWR
N555
PDIP (P)
Tube of 50
SA555P
SA555P
Tube of 75
SA555D
-40℃ to 85℃
11.2V
SOIC (D)
Reel of 2000
SA555DR
SA555
PDIP (P)
Tube of 50
SE555P
SE555P
Tube of 75
SE555D
SOIC (D)
Reel of 2500
SE555DR
SE555D
CDIP (JG)
Tube of 50
SE555JG
SE555JG
-55℃ to 125℃
10.6V
LCCC (FK)
Tube of 55
SE555FK
SE555FK
†Package drawing, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.artschip.com.


Similar Part No. - NE555DR

ManufacturerPart #DatasheetDescription
logo
NEC
NE555DR NEC-NE555DR Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
NE555DR TI-NE555DR Datasheet
405Kb / 24P
PRECISION TIMERS
NE555DR TI-NE555DR Datasheet
559Kb / 27P
PRECISION TIMERS
NE555DR TI-NE555DR Datasheet
625Kb / 27P
PRECISION TIMERS
NE555DR TI-NE555DR Datasheet
713Kb / 29P
PRCISION TIMERS
More results

Similar Description - NE555DR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
Precision Timers
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
Precision Timers
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
PRECISION TIMERS
NA555 TI-NA555_07 Datasheet
559Kb / 27P
PRECISION TIMERS
NA555 TI-NA555_08 Datasheet
625Kb / 27P
PRECISION TIMERS
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
Precision Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com