Electronic Components Datasheet Search
  English  ▼

X  

SA555D Datasheet(PDF) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # SA555D
Description  PRECISION TIMERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

SA555D Datasheet(HTML) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button SA555D Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NE555,SA555,SE555
PRECISION TIMERS
www.artschip.com
6
NORMALIZED OUTPUT PULSE DURATION
(MONOSTABLE OPERATION)
VS
FREE-AIR TEMPERATURE
TA-Free-Air Temperature -℃
Figure 7
PROPAGATION DELAY TIME
VS
LOWEST VOLTAGE LEVEL
OF TRIGGER PULSE
Lowest Voltage Level of Trigger Pulse
Figure 8
| Data for temperatures below 0℃ and above 70℃ are applicable for SE555 series circuits only.
APPLICATION INFORMATION
Monostable operation
For monostable operation, any of these timers can be connected as shown in Figure 9. if the output is low, application of a
negative-going pulse to the trigger (TRIG) sets the flip-flop (
goes low), drivers the output high, and turns off Q1, Capacitor C
then is charged through RA until the voltage across the capacitor reaches the threshold voltage of the threshold (THRES) input. If
TRIG has returned to a high level, the output of the threshold comparator resets the flip-flop (
goes high), drives the output low,
and discharges C through Q1.
Pin numbers shown are for the D,JG,P,PS, and PW packages.
Figure 9. Circuit for Monostable Operation
Monostable operation is initiated when TRIG voltage falls below
the trigger threshold. Once initiated, the sequence ends only if
TRIG is high at the end of the timing interval. Because of the
threshold level and saturation voltage of Q1, the output pulse
duration is approximately tW=1.1RAC. Figure 11 is a plot of the
time constant for various values of RA and C. The threshold
levels and charge rates both are directly proportional to the
supply voltage, Vcc. The timing interval is , therefore,
independent of the supply voltage, so long as the supply
voltage is constant during the time interval.
Applying a negative-going trigger pulse simultaneously to
RESET and reinitiates the cycle, commencing on the positive
edge of the reset pulse. The output is held low as long as the
reset pulse is low. To prevent false triggering, when RESET is
low. To prevent false triggering, when RESET is not used, it
should be connected to Vcc.
Time-0.1 ms/div
Figure 10. Typical Monostable Waveforms
C-Capacitance-µF
Figure 11. Output Pulse Duration vs Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com