Electronic Components Datasheet Search
  English  ▼

X  

S321KGKT Datasheet(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # S321KGKT
Description  Meet ROHS, Green Product.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

S321KGKT Datasheet(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  S321KGKT Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. S321KGKT Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. S321KGKT Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. S321KGKT Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. S321KGKT Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. S321KGKT Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. S321KGKT Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. S321KGKT Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. S321KGKT Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical
Optical
Characteristics
At
Ta=25℃
℃
℃
℃
Parameter
Symbol
Part No.
LTST-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
S321KGKT
18.0
35.0
71.0
mcd
IF = 20mA
Note 1
Viewing Angle
2θ1/2
S321KGKT
130
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
S321KGKT
574
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
S321KGKT
567.5
571
576.5
nm
Note 3
Spectral Line Half-Width
Δλ
S321KGKT
15
nm
Forward Voltage
VF
S321KGKT
1.9
2.0
2.4
V
IF = 20mA
Reverse Current
IR
S321KGKT
10
μA
VR = 5V
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
Part
No. : LTST-S321KGKT
Page :
4
of
12
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com