Electronic Components Datasheet Search
  English  ▼

X  

SC4524F Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4524F
Description  18V 2A Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524F Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4524F Datasheet HTML 10Page - Semtech Corporation SC4524F Datasheet HTML 11Page - Semtech Corporation SC4524F Datasheet HTML 12Page - Semtech Corporation SC4524F Datasheet HTML 13Page - Semtech Corporation SC4524F Datasheet HTML 14Page - Semtech Corporation SC4524F Datasheet HTML 15Page - Semtech Corporation SC4524F Datasheet HTML 16Page - Semtech Corporation SC4524F Datasheet HTML 17Page - Semtech Corporation SC4524F Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
SC4524F
14
Applications Information (Cont.)
the converter output needs to be loaded or V
IN needs to
be increased. Using larger soft-start capacitor C
SS will also
help in starting bootstrap because there will be current in
the inductor over a longer period of time. Figures 7(a) and
7(b) show the minimum input voltage required to start
bootstrap and to run before dropping out as a function of
the load current. The minimum start-up V
IN decreases with
higher dV
IN/dt or larger soft-start capacitor CSS. The lines
labeled “dropout”in these graphs show that once started,
the bootstrap circuit is able to sustain itself down to zero
load.
Minimum Soft-start Capacitance Css
To ensure normal operation, the minimum soft-start
capacitance C
SS can be calculated in terms of the output
capacitance C
O and output load current IO according to
the following equations.
Substituting the first equation into the second equation,
where V
SS is the soft-start capacitor voltage and ISS is the
soft-start charging current. V
1 is the voltage defined in
Figure 2.
To ensure successful startup, the total current drawn
from the output must be less than the maximum output
capability of the part,
2.3A
dt
dV
C
R
V
0
0
0
≤
×
+
Substituting the third equation of this section into the
previous equation,
2.3A
C
C
2I
R
V
SS
0
SS
0
≤
×
+
Rearranging,
Therefore the minimum C
SS depends on the output
capacitance and the load current. Larger C
SS is necessary
when starting into a heavy load (small R).
(a)
(b)
Figure 7. The Minimum Input Voltage to Start and
to Run Before Dropout. The Regulator is
Bootstrapped from its Output [Figure 6(a)].
D
1 is 1N4148. (a) VOUT = 5V (b) VOUT = 3.3V
SS
SS
SS
C
I
dt
dV =
(
)
[
]
1.2V
V
2
dt
d
dt
dV
dt
dV
SS
1
0
−
=
=
−
×
≥
R
V
3.5A
C
2I
C
0
0
SS(MAX)
SS
SS
SS
0
C
2I
dt
dV
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com