Electronic Components Datasheet Search
  English  ▼

X  

SC4525EEVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4525EEVB
Description  28V 3A Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525EEVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4525EEVB Datasheet HTML 4Page - Semtech Corporation SC4525EEVB Datasheet HTML 5Page - Semtech Corporation SC4525EEVB Datasheet HTML 6Page - Semtech Corporation SC4525EEVB Datasheet HTML 7Page - Semtech Corporation SC4525EEVB Datasheet HTML 8Page - Semtech Corporation SC4525EEVB Datasheet HTML 9Page - Semtech Corporation SC4525EEVB Datasheet HTML 10Page - Semtech Corporation SC4525EEVB Datasheet HTML 11Page - Semtech Corporation SC4525EEVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SC4525EM
8
Typical Characteristics (Cont.)
Curve 13
VIN Q u ie sce n t Cu rre n t v s VIN
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
V IN (V )
SS270 R EV 6-7
V COMP = 0
-40oC
125oC
Curve 12
VIN Sh u td o w n Cu rre n t v s VIN
0
20
40
60
80
100
0
5
10
15
20
25
30
V IN (V )
S S 270 RE V 6-7
V SS = 0
-40oC
125oC
Curve 15
Soft-Start Charging Curre nt
v s So ft-Start Voltage
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
0.5
1
1.5
2
VSS (V)
S S 270 RE V 6-7
-40oC
125oC
Curve 11
VIN Su p p ly Cu rre n t
v s So ft-Start Vo ltag e
0.0
0.5
1.0
1.5
2.0
2.5
0
0.5
1
1.5
2
V SS (V )
S S 270 RE V 6-7
-40oC
125oC
2.5
2.6
2.7
2.8
2.9
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature (oC)
V
IN Threshold vs Temperature
Start
UVLO
0.00
0.10
0.20
0.30
0.40
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (oC)
SS Shutdown Threshold
vs Temperature
1.50
2.00
2.50
3.00
3.50
0
20
40
60
80
100
120
140
Ambient Temperature (oC)
Max Current Allowed From
Over Temperature Protection
V
IN = 12V
V
OUT
= 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com