Electronic Components Datasheet Search
  English  ▼

X  

DS2764AE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS2764AE
Description  High-Precision Li Battery Monitor with 2-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2764AE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS2764AE Datasheet HTML 9Page - Maxim Integrated Products DS2764AE Datasheet HTML 10Page - Maxim Integrated Products DS2764AE Datasheet HTML 11Page - Maxim Integrated Products DS2764AE Datasheet HTML 12Page - Maxim Integrated Products DS2764AE Datasheet HTML 13Page - Maxim Integrated Products DS2764AE Datasheet HTML 14Page - Maxim Integrated Products DS2764AE Datasheet HTML 15Page - Maxim Integrated Products DS2764AE Datasheet HTML 16Page - Maxim Integrated Products DS2764AE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DS2764 High-Precision Li+ Battery Monitor With 2-Wire Interface
13 of 20
POWER SWITCH INPUT
The DS2764 provides a power control function that uses the discharge protection FET to gate battery power to the
system. The
PS pin, internally pulled to VDD through a 1mA current source, is continuously monitored for a low-
impedance connection to VSS. If the DS2764 is in sleep mode, the detection of a low on the PS pin causes the
device to transition into active mode, turning on the discharge FET. If the DS2764 is already in active mode, activity
on
PS has no effect on the FET control.
The host system has the option of monitoring activity on the
PS pin by reading the PS bit in the Special Feature
Register. The
PS bit latches a 0 value when a logic low occurs on the PS pin regardless of the operating mode of
the DS2764. If the host intends to monitor future
PS pin events, it must write a 1 to the PS bit to ensure that a
subsequent low forced on the
PS pin is latched into the PS bit. The PS bit value has no effect on operation of the
DS2764 and can be ignored if
PS pin monitoring is not required.
MEMORY
The DS2764 has a 256-byte linear address space. Registers for instrumentation, status, and control are mapped
in the lower 32 bytes, with lockable EEPROM blocks and the unique ROM ID occupying portions of the remaining
address space. The Function Command Register occupies location FEh. All EEPROM memory is general purpose
except byte addresses 31h, 32h and 33h, which should be written with the default values for the Status register, 2-
Wire slave address and Current Offset register, respectively. When reading two-byte registers, (Current, ACR,
Voltage and Temperature), the MSB should be read first. When the MSB of two-byte registers is read, the MSB
and LSB are latched simultaneously and held for the duration of the Read Data transaction. This prevents register
updates during the read and ensures synchronization between the MSB and LSB of two byte register values. For
consistent results, always read the MSB and the LSB of a two-byte register during the same Read Data
transaction.
EEPROM memory is shadowed by RAM to eliminate programming delays between writes and to allow the data to
be verified by the host system before being copied to EEPROM. The Read Data and Write Data protocols to/from
EEPROM memory addresses access the shadow RAM. The Recall Data function command transfers data from the
EEPROM to the shadow RAM. The Copy Data function command transfers data from the shadow RAM to the
EEPROM and requires tEEC to complete programming of the EEPROM cells. In unlocked EEPROM blocks, writing
data updates shadow RAM. In locked EEPROM blocks, attempts to write data are ignored. The Copy Data
function command copies the contents of shadow RAM to EEPROM in an unlocked block of EEPROM but has no
effect on locked blocks. The Recall Data function command copies the contents of a block of EEPROM to shadow
RAM regardless of whether the block is locked or not.
Figure 10. EEPROM Access via Shadow RAM
Serial
Interface
Write
Read
Shadow RAM
EEPROM
Copy
Recall



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com