Electronic Components Datasheet Search
  English  ▼

X  

SC63003 Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC63003
Description  Pedometer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC63003 Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC63003 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC63003 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC63003 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC63003 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC63003 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC63003 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC63003(文件编号:S&CIC0351)
计步器
第 2 页 共 6 页
四、引脚描述
序号
名称
I/O
功能
1
VDD
I
电源正极
2
PULSEIN
I
解发信号输入端可设定端 Pull-Low
3
PULSE
I
触发信号输入端 Pull-Low
4
OSCIN
I
Crystal32768Hz 振荡输入端
5
OSCROUT
O
RC 振荡输出端
6
OSCOUT
O
Crystal32768Hz 振荡输出端
7
OSCRIN
I
RC 振荡输入端
8
TS2
I
IC 测试脚 Pull-High(快速测试端)
9
TS1
I
IC 测试脚 Pull-High
10
GND
I
电源负极
11
RESET
I
RESET 归零键 Pull-High
12
ABC1
O
接 LCD 面板
13
FGED1
O
14
ABC2
O
15
FGED2
O
16
ABC3
O
17
FGED3
O
18
ABC4
O
19
FGED4
O
20
ABC5
O
21
FGED5
O
22
COM1
O
23
COM2
O
24
COM3
O
25
COM4
O
26
VEE
O
LCD 稳压 PIN
27
CAP
O
28
F512H
O
五、功能描述
(1)OSCIN、OSCOUT:接 Crystal 振荡器时,将 OSCRIN 接 GND
(2)OSCRIN、OSCROUT:接 RC 振荡器时,将 OSCIN 接 GND,R 值约 1.5M。
(3)快速测试 mode 为:TS2 接 GND 按 RESET,此时 5 个 Digit 会分成 5 段,即个、十、
百、千、万,同时 Counr,,即 00000,11111,
22222……
(4)RESET 键:按住出现
“日日日日日”,放开出现“口口口口口”
(5)PULSEIN:T=220ms(每秒最多可反应 4 次),可外接电容降低反应;
(6)PULSE:T=400ms(每秒最多可反应 2.5 次)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com