Electronic Components Datasheet Search
  English  ▼

X  

AL968 Datasheet(PDF) 2 Page - GSR Technology Ltd

Part # AL968
Description  Computer-on-Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSR [GSR Technology Ltd]
Direct Link  https://www.gsr-technology.co.uk/
Logo GSR - GSR Technology Ltd

AL968 Datasheet(HTML) 2 Page - GSR Technology Ltd

  AL968 Datasheet HTML 1Page - GSR Technology Ltd AL968 Datasheet HTML 2Page - GSR Technology Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TFTModules
© GSR Technology 2018
www.gsr-technology.co.uk
Page 2
Audio
HD Audio
Ethernet
1 x Intel® I211AT (10/100/1000Mbps) (0°C to 60°C) or
1 x Intel® I210IT (10/100/1000Mbps) (-40°C to 85°C)
USB
4 x USB 3.0
8 x USB 2.0
Storage
2 x SATA 3.0 (up to 6Gb/s)
eMMC
1 x 8GB/16GB/32GB eMMC (available upon request)
DIO
1 x 8-bit DIO
Power
12V, 5VSB, VCC_RTC (ATX mode)
12V, VCC_RTC (AT mode)
OS Support
Windows: Windows 10 IoT Enterprise
64-bit
Linux: Ubuntu 15.10 (Intel® graphic
driver available)
Operating Temperature
Operating: 0 to 60°C, -40 to 85°C
Dimensions
COM Express® Compact 95mm (3.74") x 95mm (3.74")
Compliance
PICMG COM Express® R2.1, Type 6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com