Electronic Components Datasheet Search
  English  ▼

X  

BW968 Datasheet(PDF) 1 Page - GSR Technology Ltd

Part # BW968
Description  Computer-on-Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSR [GSR Technology Ltd]
Direct Link  https://www.gsr-technology.co.uk/
Logo GSR - GSR Technology Ltd

BW968 Datasheet(HTML) 1 Page - GSR Technology Ltd

  BW968 Datasheet HTML 1Page - GSR Technology Ltd BW968 Datasheet HTML 2Page - GSR Technology Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TFTModules
© GSR Technology 2018
www.gsr-technology.co.uk
Page 1
Processor
Intel® Pentium®/Celeron® Processor N3000 Family, BGA
1170
Intel® Atom™ Processor x5-E8000, Quad Core, 2M Cache,
1.04GHz, 5W
Intel® Pentium® Processor N3710, Quad Core, 2M Cache,
1.6GHz (2.56GHz), 6W
Intel® Celeron® Processor N3160, Quad Core, 2M Cache,
1.6GHz (2.24GHz), 6W
Intel® Celeron® Processor N3060, Dual Core, 2M Cache,
1.6GHz (2.48GHz), 6W
Intel® Celeron® Processor N3010, Dual Core, 2M Cache,
1.04GHz (2.24GHz), 4W
Part Number
BW968
Memory
Two 204-pin SODIMM up to 8GB Dual Channel DDR3L 1600MHz
BIOS
Insyde SPI 64Mbit
Controller
Intel® HD Graphics
Feature
OpenGL 4.2, Direct X 11.1, OpenCL 1.2, OGL ES 3.0
HW Decode: H.264, MPEG2, VC1, VP8, H.265, MPEG4
HW Encode: H.264, MPEG2, MPEG4
Display
1 x VGA/DDI (DDI available upon request)
1 x LVDS/eDP (eDP available upon request)
1 x DDI
VGA: resolution up to 1920x1200 @ 60Hz
LVDS: dual channel 24-bit, resolution up to 1920x1200 @ 60Hz
eDP: resolution up to 2560x1440 @ 60Hz
HDMI: resolution up to 3840x2160 @ 30Hz or 2560x1600 @ 60Hz
DP: resolution up to 3840x2160 @ 30Hz or 2560x1600 @ 60Hz
Triple Displays
VGA + LVDS + DDI
DDI + eDP + DDI (available upon request)
Expansion
3 x PCIe x1 (Gen 2)
1 x LPC
1 x I2C
1 x SMBus
2 x Serial (TX/RX)
Product Name: BW968


Similar Part No. - BW968

ManufacturerPart #DatasheetDescription
logo
DFI Inc
BW968 DFI-BW968 Datasheet
811Kb / 2P
Intel Pentium/Celeron Processor N3000 Family COM Express Compact
BW968-BS-E8000 DFI-BW968-BS-E8000 Datasheet
811Kb / 2P
Intel Pentium/Celeron Processor N3000 Family COM Express Compact
BW968-BS-N3060 DFI-BW968-BS-N3060 Datasheet
811Kb / 2P
Intel Pentium/Celeron Processor N3000 Family COM Express Compact
BW968-BS-N3710 DFI-BW968-BS-N3710 Datasheet
811Kb / 2P
Intel Pentium/Celeron Processor N3000 Family COM Express Compact
More results

Similar Description - BW968

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14954 MAXIM-MAX14954 Datasheet
4Mb / 17P
Computer on Modules
Rev 0; 11/12
MAX14955 MAXIM-MAX14955 Datasheet
5Mb / 19P
Computer on Modules
Rev 0; 3/13
logo
GSR Technology Ltd
AL-9A3 GSR-AL-9A3 Datasheet
392Kb / 2P
Computer-on-Modules
BT9A3 GSR-BT9A3 Datasheet
395Kb / 2P
Computer-on-Modules
CR908-B GSR-CR908-B Datasheet
407Kb / 2P
Computer-on-Modules
HR908-B GSR-HR908-B Datasheet
406Kb / 2P
Computer-on-Modules
KB968 GSR-KB968 Datasheet
402Kb / 2P
Computer-on-Modules
KU968 GSR-KU968 Datasheet
402Kb / 2P
Computer-on-Modules
OT905-B GSR-OT905-B Datasheet
351Kb / 2P
Computer-on-Modules
SU968 GSR-SU968 Datasheet
404Kb / 2P
Computer-on-Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com