Electronic Components Datasheet Search
  English  ▼

X  

2N5301 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N5301
Description  POWER TRANSISTORS NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5301 Datasheet(HTML) 2 Page - ON Semiconductor

  2N5301 Datasheet HTML 1Page - ON Semiconductor 2N5301 Datasheet HTML 2Page - ON Semiconductor 2N5301 Datasheet HTML 3Page - ON Semiconductor 2N5301 Datasheet HTML 4Page - ON Semiconductor 2N5301 Datasheet HTML 5Page - ON Semiconductor 2N5301 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N5301 2N5302 2N5303
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
*OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (Note 1)
(IC = 200 mAdc, IB = 0)
2N5301
2N5302
2N5303
VCEO(sus)
40
60
80
—
—
—
Vdc
Collector Cutoff Current
(VCE = 40 Vdc, IB = 0)
2N5301
(VCE = 60 Vdc, IB = 0)
2N5302
(VCE = 80 Vdc, IB = 0)
2N5303
ICEO
—
—
—
5.0
5.0
5.0
mAdc
Collector Cutoff Current
(VCE = 40 Vdc, VEB(off) = 1.5 Vdc)
2N5301
(VCE = 60 Vdc, VEB(off) = 1.5 Vdc)
2N5302
(VCE = 80 Vdc, VEB(off) = 1.5 Vdc)
2N5303
ICEX
—
—
—
1.0
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = 40 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
2N5301
(VCE = 60 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
2N5302
(VCE = 80 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
2N5303
ICEX
—
—
—
10
10
10
mAdc
Collector Cutoff Current
(VCB = 40 Vdc, IE = 0)
2N5301
(VCB = 80 Vdc, IE = 0)
2N5302
(VCB = 80 Vdc, IE = 0)
2N5303
ICBO
—
—
—
1.0
1.0
1.0
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
—
5.0
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 1)
*(IC = 1.0 Adc, VCE = 2.0 Vdc)
ALL TYPES
*(IC = 10 Adc, VCE = 2.0 Vdc)
2N5303
*(IC = 15 Adc, VCE = 2.0 Vdc)
2N5301, 2N5302
*(IC = 20 Adc, VCE = 4.0 Vdc)
2N5303
*(IC = 30 Adc, VCE = 4.0 Vdc)
2N5301, 2N5302
hFE
40
15
15
5.0
5.0
—
60
60
—
—
—
*Collector–Emitter Saturation Voltage (Note 1)
(IC = 10 Adc, IB = 1.0 Adc)
2N5301, 2N5302
(IC = 10 Adc, IB = 1.0 Adc)
2N5303
(IC = 15 Adc, IB = 1.5 Adc)
2N5303
(IC = 20 Adc, IB = 2.0 Adc)
2N5301, 2N5302
(IC = 20 Adc, IB = 4.0 Adc)
2N5303
(IC = 30 Adc, IB = 6.0 Adc)
2N5301, 2N5302
VCE(sat)
—
—
—
—
—
—
0.75
1.0
1.5
2.0
2.0
3.0
Vdc
*Base Emitter Saturation Voltage (Note 1)
(IC = 10 Adc, IB = 1.0 Adc)
ALL TYPES
(IC = 15 Adc, IB = 1.5 Adc)
2N5301, 2N5302
(IC = 15 Adc, IB = 1.5 Adc)
2N5303
(IC = 20 Adc, IB = 2.0 Adc)
2N5301, 2N5302
(IC = 20 Adc, IB = 4.0 Adc)
2N5303
VBE(sat)
—
—
—
—
—
1.7
1.8
2.0
2.5
2.5
Vdc
*Base–Emitter On Voltage (Note 1)
(IC = 10 Adc, VCE = 2.0 Vdc)
2N5303
(IC = 15 Adc, VCE = 2.0 Vdc)
2N5301, 2N5302
(IC = 20 Adc, VCE = 4.0 Vdc)
2N5303
(IC = 30 Adc, VCE = 4.0 Vdc)
2N5301, 2N5302
VBE(on)
—
—
—
—
1.5
1.7
25
3.0
Vdc
*DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product (IC = 1.0 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
2.0
—
MHz
Small–Signal Current Gain (IC = 1.0 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
40
—
—
*SWITCHING CHARACTERISTICS
Rise Time
(VCC = 30 Vdc, IC = 10 Adc, IB1 = IB2 = 1.0 Adc)
tr
—
1.0
µs
Storage Time
(VCC = 30 Vdc, IC = 10 Adc, IB1 = IB2 = 1.0 Adc)
ts
—
2.0
µs
Fall Time
CC = 30 Vdc, IC = 10 Adc, IB1 = IB2 = 1.0 Adc)
tf
—
1.0
µs
* Indicates JEDEC Registered Data.
Note 1: Pulse Width
v 300 µs, Duty Cycle v 2.0%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com