Electronic Components Datasheet Search
  English  ▼

X  

TC9 Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC9
Description  16Pin infrared remote control IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC9 Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC9 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC9 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC9 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC9 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC9 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC9 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC9 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
TC9 系列(文件编号:S&CIC1153)
16Pin 红外线遥控 IC
www.superchip.cn
第 2 页 共 7 页
Version 1.1
PAD 图及坐标说明
1
2
3
4
56
78
9
10
11
12
13
14
15
16
17
序号
名称
X
Y
序号
名称
X
Y
1
KIO5
89.80
335.85
10
VCC
737.05
208.10
2
KIO6
89.80
242.45
11
GND
798.60
333.20
3
KIO7
89.80
153.45
12
CS_1
802.00
425.20
4
KIO8
89.80
60.05
13
TOSC
773.70
526.00
5
KIO9
230.30
85.05
14
KIO1
319.55
470.55
6
KIO10
323.70
85.05
15
KIO2
231.15
470.55
7
KIO11
412.70
85.05
16
KIO3
144.55
470.55
8
SET
506.10
85.05
17
KIO4
56.15
470.55
9
REM
595.60
85.05



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com