Electronic Components Datasheet Search
  English  ▼

X  

937B Datasheet(PDF) 8 Page - MKS Instruments.

Part # 937B
Description  DIGITAL COMBINATION VACUUM GAUGE SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

937B Datasheet(HTML) 8 Page - MKS Instruments.

  937B Datasheet HTML 1Page - MKS Instruments. 937B Datasheet HTML 2Page - MKS Instruments. 937B Datasheet HTML 3Page - MKS Instruments. 937B Datasheet HTML 4Page - MKS Instruments. 937B Datasheet HTML 5Page - MKS Instruments. 937B Datasheet HTML 6Page - MKS Instruments. 937B Datasheet HTML 7Page - MKS Instruments. 937B Datasheet HTML 8Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Ordering Information
937B - 3/18
© 2010-2018 MKS Instruments, Inc.
All rights reserved.
MKS products provided subject to the US Export Regulations. Diversion or transfer contrary to US law is prohibited.
Specifications are subject to change without notice.
I-Mag®, IgniTorr®, Convectron®, and Baratron® are registered trademarks of MKS Instruments, Inc. mksinst™, Cv™ and IDA™
are trademarks of MKS Instruments, Inc. VCR® and VCO® are registered trademarks of Swagelok, Inc. Inconel® is a registered
trademark of INCO Alloys. Elgiloy® is a registered trademark of Elgiloy Ltd. DeviceNet™ is a trademark of Open DeviceNet
Vendor Association. OFHC® is a registered trademark of AMAX, Inc. US Patent # 4967157.
431 Cold Cathode Cables
Part Number
Type
100016217
100016218
100016219
100016220
100016221
10 ft (3.0 m)
25 ft (7.6 m)
50 ft (15.2 m)
100 ft (30.5 m)
Custom (max length 300 ft.)
I-Mag® Cold Cathode Cables
Part Number
Type
100016295
100016296
100016297
100016298
100016299
10 ft (3.0 m)
25 ft (7.6 m)
50 ft (15.2 m)
100 ft (30.5)
Custom (max length 300 ft.)
345 and 317 Pirani Cables
Part Number
Type
103170006SH
103170007SH
103170008SH
103170009SH
10 ft (3.0 m)
25 ft (7.6 m)
50 ft (15.2 m)
Custom (max length 500 ft.)
902B Absolute Piezo Cables
Part Number
Type
100011869
100011870
100011871
100011872
10 ft (3.0 m)
25 ft (7.6 m)
50 ft (15.2 m)
Custom (max length 50 ft.)
626B and 627D Baratron® Cables
Part Number
Type
100007555
100007556
100007557
10 ft (3.0 m)
25 ft (7.6 m)
50 ft (15.2 m)
722B Baratron® Cables
Part Number
Type
100016951
100016952
100016953
10 ft (3.0 m)
25 ft (7.6 m)
50 ft (15.2 m)
Mini-Ion Gauge Cables
Part Number
Type
100011106
100011107
100011108
10 ft. (3.0m)
25 ft. (7.6m)
50 ft. (15.2m)
Nude Hot Cathode Ionization Vacuum Sensor Cables
Part Number
Type
100010909
100010910
100010911
10 ft. (3.0m)
25 ft. (7.6m)
50 ft. (15.2m)
275 Convectron Cables
Part Number
Type
100016980
100016981
100016982
10 ft (3.0 m)
25 ft (7.6 m)
50 ft (15.2 m)
MKS Instruments, Inc.
Pressure & Vacuum Measurement Solutions
6450 Dry Creek Parkway
Longmont, CO 80503
Tel:
303.652.4400
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel:
978.645.5500
Tel:
800.227.8766 (in USA)
Web: www.mksinst.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com