Electronic Components Datasheet Search
  English  ▼

X  

345 Datasheet(PDF) 7 Page - MKS Instruments.

Part # 345
Description  DIGITAL COMBINATION VACUUM GAUGE SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

345 Datasheet(HTML) 7 Page - MKS Instruments.

  345 Datasheet HTML 1Page - MKS Instruments. 345 Datasheet HTML 2Page - MKS Instruments. 345 Datasheet HTML 3Page - MKS Instruments. 345 Datasheet HTML 4Page - MKS Instruments. 345 Datasheet HTML 5Page - MKS Instruments. 345 Datasheet HTML 6Page - MKS Instruments. 345 Datasheet HTML 7Page - MKS Instruments. 345 Datasheet HTML 8Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ordering Information
Series 902B Piezo Transducer
Part Number
Type
902B-12010
902B-42010
902B-52010
902B-11010
902B-41010
902B-51010
902 Transducer, NW 16 KF, RS485
902 Transducer, 4 VCR-F*, RS485
902 Transducer, 8 VCR-F*, RS485
902 Transducer, NW 16 KF, RS232
902 Transducer, 4 VCR-F*, RS232
902 Transducer, 8 VCR-F*, RS232
*VCR® or VCO®-compatible parts may be used.
Mini-Ion Gauge Hot Cathode Sensor
Part Number
Type
100011085
100011111
100011112
100011113
100011114
100011118
100011127
Mini-Ion Gauge Sensor, Y
2O3 coated Ir filament, 1” Tube
Mini-Ion Gauge Sensor, Y
2O3 coated Ir filament, 1 1/3” CF
Mini-Ion Gauge Sensor, Y
2O3 coated Ir filament, 2 3/4” CF
Mini-Ion Gauge Sensor, Y
2O3 coated Ir filament, NW 25 KF
Mini-Ion Gauge Sensor, Y
2O3 coated Ir filament, NW 40 KF
Mini-Ion Gauge Sensor, Y
2O3 coated Ir filament, NW 16 KF
Mini-Ion Gauge Sensor, Y
2O3 coated Ir filament, 3/4” Tube
Nude Hot Cathode Ionization Vacuum Sensor
Part Number
Type
100005987
100005980
100006841
100006842
Nude Tube Sensor, Tungsten, NW 40 KF
Nude Tube Sensor, Tungsten, 2 3/4” CF
Nude Tube Sensor, Y
2O3 coated Ir, NW 40 KF
Nude Tube Sensor, Y
2O3 coated Ir, 2 3/4” CF
722B Baratron® Compact Absolute
Capacitance Manometer (RoHS Compliant)
Example: 722BXXXYYWGZ
Ranges (Torr) (XXX)
Code
10
100
1000
10000
25000
11T
12T
13T
14T
RCT
Fittings (Y)
1/2" tube
Swagelok 4 VCR female
Swagelok 8 VCR female
Swagelok 8 VCO® female
NW 16 KF
Mini-CF, rotatable
BA
CD
CE
DA
GA
HA
Input/Output (W)
+13 to +32 VDC input, 0-10 VDC output
2
Accuracy (G)
Standard: 0.5% of Rdg.
F
Connector (Z)
9-pin Type "D"
A
NOTE: High pressure units are not available with NW 16 KF fittings. Consult High Pressure
Fitting matrix or contact MKS Applications Engineering.
626B/627D Baratron® Absolute
Capacitance Manometer (RoHS Compliant)
Example: 626BXXXYZ; 626B with male Type D connector
627DXXXYZ; 627D with male Type D connector
Ranges (Torr) (XXX)
Code
0.1
0.25
1
2
10
20
100
500
1000
10000 (627D only)
20000 (627D only)
.1T
RET
01T
02T
11T
21T
12T
52T
13T
14T
24T
Fittings (Y)
1/2" tube
Swagelok 8 VCR female
Mini-CF, rotatable
NW 16 KF
Swagelok 8 VCO® female
2 3/4'' CF, rotatable
NW 25 KF
A
B
C
D
E
L
Q
Accuracy (Z)
Standard: 0.25% of Rdg.
(optional 0.10 Torr)
Standard: 0.50% of Rdg. (0.10 Torr)
Optional: 0.15% of Rdg.
(10, 100, 1000 Torr ranges only)
E
F
D
NOTE:
1. For gauge isolation, refer to MKS’s line of Cv™ Valves and the In Situ Diagnostics Access
(IDA™) Valve.
For complete product specifications and Baratron capacitance manometer datasheets, please visit the MKS website at www.mksinst.com.
Contact Applications Engineering for other capacitance manometer options.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com