| Electronic Components Datasheet Search |
|
PDR900 Datasheet(PDF) 2 Page - MKS Instruments. |
|
|
|||||||||||||||||||||||||||||
PDR900 Datasheet(HTML) 2 Page - MKS Instruments. |
|
2 / 4 page ![]() The PDR900 controller is compatible with the digital Series 900 transducers, shown in graph. Figure 1 Figure 2 Figure 3 Figure 4 User Interface and Display The controller’s menu-driven user interface provides easy access to the digital transducer settings via push button controlsonthefrontpanel(Figure1). The alpha numeric LCD display features a green back-lit screen that is easily visible in low light conditions. The 5-digit LED display provides a clear readout of the measured pressure. Themulti-coloredsetpointindicatorsprovideaquick and clear overview of the set point relay status. Units are selectable and can be displayed in either Torr, mbar, or Pascal. The PDR900 features various display modes that allow the user to display pressure in an analog bar graph readout (Figure2)orshowsetpointstatusinformation. Data Capture and Analysis The built-in data logging tool allows the user to perform measurementacquisitionsandeliminatestheneedfora separate PC and software. The measurements are logged to the internal non-volatile memory with a capacity of 450 measurements. Thedataloggercanbeprogrammedtoacquiredata from seconds to hours. The time stamped measurements are either viewed on the screen or uploaded to a PC for subsequentanalysisordataplotting(Figure3). The data logger can also be used to perform and document outgassing tests of vacuum chambers by monitoring pressure rise over time. Power Set Point Relays The PDR900 has up to three power set point relays, depending on the transducer type. The relays are controlled by the transducer relay contacts, eliminating the need for external power relays. The relay connector hasterminalscrewconnectionsforquickandeasy connectivity. Digital and Analog Communication ThePDR900isequippedwithanRS232userinterfaceas a standard feature. The communication interface enables remote control of transducer setup as well as transmission of measurement data. The user interface is selected via thecontrollermenu(Figure4). Additionally, the transducer analog output voltage is available on the rear panel of the PDR900 controller. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |