Electronic Components Datasheet Search
  English  ▼

X  

SI7941DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7941DP
Description  Dual P-Channel 30-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7941DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7941DP Datasheet HTML 1Page - Vishay Siliconix SI7941DP Datasheet HTML 2Page - Vishay Siliconix SI7941DP Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPICE Device Model Si7941DP
Vishay Siliconix
www.vishay.com
Document Number: 71669
2
31-May-04
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = − 250 µA
1.9
V
On-State Drain Current
a
ID(on)
VDS = −5 V, VGS = −10 V
205
A
VGS = −10 V, ID = −9 A
0.022
0.022
Drain-Source On-State Resistance
a
rDS(on)
VGS = −4.5 V, ID = −5 A
0.033
0.032
Ω
Forward Transconductance
a
gfs
VDS = −15 V, ID = −2.5 A
10
14
S
Diode Forward Voltage
a
VSD
IS = −2.9 A, VGS = 0 V
−0.82
−0.80
V
Dynamic
b
Total Gate Charge
Qg
41
42
Gate-Source Charge
Qgs
8.5
8.5
Gate-Drain Charge
Qgd
VDS = −15 V, VGS = −10 V, ID = −9 A
7.5
7.5
nC
Turn-On Delay Time
td(on)
20
18
Rise Time
tr
28
29
Turn-Off Delay Time
td(off)
32
65
Fall Time
tf
VDD = −15 V, RL = 15 Ω
ID ≅ −1 A, VGEN = −10 V, RG = 6 Ω
58
27
Source-Drain Reverse Recovery Time
trr
IF = −2.9 A, di/dt = 100 A/µs
40
50
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com