Electronic Components Datasheet Search
  English  ▼

X  

TGS2602 Datasheet(PDF) 2 Page - Figaro Engineering Inc.

Part # TGS2602
Description  Air Contaminants
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIGARO [Figaro Engineering Inc.]
Direct Link  https://www.figaro.co.jp/en/
Logo FIGARO - Figaro Engineering Inc.

TGS2602 Datasheet(HTML) 2 Page - Figaro Engineering Inc.

  TGS2602 Datasheet HTML 1Page - Figaro Engineering Inc. TGS2602 Datasheet HTML 2Page - Figaro Engineering Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT INFORMATION
Structure and Dimensions:
Basic Measuring Circuit:
REV: 06/15
The sensor requires two voltage inputs:
heater voltage (VH) and circuit voltage
(VC). The heater voltage (VH) is applied
to the integrated heater in order to
maintain the sensing element at a
specific temperature which is optimal
for sensing. Circuit voltage (VC) is
appliedtoallowmeasurementofvoltage
(VOUT) across a load resistor (RL) which
is connected in series with the sensor.
DC voltage is required for the circuit
voltage since the sensor has a polarity.
A common power supply circuit can be
used for both VC and VH to fulfill the
sensor's electrical requirements. The
value of the load resistor (RL) should be
chosen to optimize the alarm threshold
value,keepingpowerconsumption(PS)
of the semiconductor below a limit of
15mW. Power consumption (PS) will be
highest when the value of Rs is equal
to RL on exposure to gas.
The value of power consumption (PS) can
be calculated by utilizing the following
formula:
PS =
Sensor resistance (Rs) is calculated with
a measured value of VOUT by using the
following formula:
Specifications:
(VC - VRL)2
RS
Bottom view
Top view
Side view
ø9.2±0.2
7.8±0.5
10.0±1.0
3.6±0.1
1
2
3
Sensing
element
4
3.6±0.1
ø8.1±0.2
ø0.55±0.05
ø5.1
90˚
1.6
1.6
ø0.5 x 6
0.9 0.9
Pin connection:
1: Heater
2: Sensor electrode (-)
3: Sensor electrode (+)
4: Heater
All sensor characteristics shown in this brochure represent typical characteristics.Actual
characteristics vary from sensor to sensor. The only characteristics warranted are those
in the Specification table above.
u/m:mm
Model number
TGS2602-B00
Sensing principle
MOS type
Standard package
TO-5 metal can
Target gases
Air contaminants
(VOCs, ammonia, H2S, etc.)
Typical detection range
1 ~ 30ppm of EtOH
Standard circuit
conditions
Heater voltage
VH
5.0±0.2V AC/DC
Circuit voltage
VC
5.0±0.2V DC
Ps≤15mW
Load resistance
RL
variable
0.45kΩ min.
Electrical
characteristics
under standard test
conditions
Heater resistance
RH
approx 59Ω at room temp.
(typical)
Heater current
IH
56±5mA
Heater power
consumption
PH
280mW (typical)
Sensor resistance
RS
10kΩ ~ 100kΩ in air
Sensitivity
(change ratio of Rs)
0.08~0.5
Rs (10ppm of EtOH)
Rs air
Standard test
conditions
Test gas conditions
normal air
at 20±2˚C, 65±5%RH
Circuit conditions
Vc = 5.0±0.01V DC
VH = 5.0±0.05V DC
Conditioning period
before test
7 days
RS = (
- 1) x RL
VC
VRL
FIGARO ENGINEERING INC.
1-5-11 Senba-nishi
Mino, Osaka 562-8505 JAPAN
Tel: 81-72-728-2561
Fax: 81-72-728-0467
email: figaro@figaro.co.jp
www.figaro.co.jp



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com