Electronic Components Datasheet Search
  English  ▼

X  

TC4331B Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC4331B
Description  4-bit inverted/positive timer IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC4331B Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC4331B Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC4331B Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC4331B Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC4331B Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC4331B Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC4331B Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
TC4331B(文件编号:S&CIC0999)
4 位倒/正计时器 IC
第 3 页 共 6 页
五、极限参数(Ta = 25℃)
参数
符号
值
单位
电源电压
VDD- GND
-0.3~5.0
V
输入电压
VIN
GND
–0.2 to VDD +0.3
V
工作温度
TA
-20 ~ +60
℃
贮存温度
Tstg
-55 ~ +125
℃
六、电气特性
(Ta = 25℃, GND = 0V, VDD = 1.5V, FOSC = 32768Hz; unless otherwise specified)
参数
符号
测试条件
最小值
典型值
最大值
单位
工作电压
VDD
1.25
1.5
1.70
V
显示电压
VC
2.4
3.0
3.4
V
供给电流
ICC
With out load
3.0
5.0
uA
输出驱动电流
(BZ, TRIG Output)
IOH
VOH = 1.35V (TRIG output)
-500
uA
IOL
VOL = 0.15V (TRIG output)
500
VOL = 0.5V (BZ output)
5
10
mA
频率稳定性
△f/f
VCC = 1.25V to 1.70V
10
ppm
振荡器内置电容
CD
10
pF
报警输出频率
FBZ
2048×4×1
Hz
振荡启动时间
TOS
VCC = 1.30V
2
sec



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com