Electronic Components Datasheet Search
  English  ▼

X  

AW9136 Datasheet(PDF) 13 Page - Shanghai awinic technology co.,ltd

Part # AW9136
Description  3-Key Capacitive Touch Controller Integrated with 6-LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9136 Datasheet(HTML) 13 Page - Shanghai awinic technology co.,ltd

Back Button AW9136 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW9136 Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW9136 Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW9136 Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW9136 Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW9136 Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW9136 Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW9136 Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW9136 Datasheet HTML 17Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
AW9136
June. 2018 V1.2
www.awinic.com.cn
13
Copyright © 2012 SHANGHAI AWINIC TECHNOLOGY CO., LTD
b)
Master device sends slave address (7-bit) and the data direction bit (w = 0).
c)
Slave device sends acknowledge signal if the slave address is correct.
d)
Master sends control register address (8-bit)
e)
Slave sends acknowledge signal
f)
Master generates STOP condition followed with START condition or REPEAT START condition
g)
Master device sends slave address (7-bit) and the data direction bit (r = 1).
h)
Slave device sends acknowledge signal if the slave address is correct.
i)
Slave sends data high 8Bit from addressed register.
j)
Master sends acknowledge signal
k)
Slave sends data low 8Bit from addressed register.
l)
If the master device sends acknowledge signal, the slave device will increase the control register
address by one, then send the next data from the new addressed register. If master sends no
acknowledge signal, the slave device stop to send data and wait for STOP condition.
m)
If the master device generates STOP condition, the read cycle is ended.
0
A2
A1
A0
A6
A5
A3
A4
A4
A3
A1
A2
A7
A5
A6
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
A4
A3
A1
A2
A0
A5
A6
D14
D8
D9
A0
D15
7
0
1
2
3
4
5
6
7
8
0
1
...
6
SCL
SDA
Ack
Ack
Ack
7
8
Ack
Start
R/W
……
I
2C Address
Register Address
I
2C Address
Register Data
High 8Bit
8
RS
Using
Repeat start
A4
A3
A1
A2
A5
A6
D14
D8
D9
A0
D15
0
1
2
3
4
5
6
7
8
0
1
...
6
Ack
7
8
Ack
……
Stop
Register Data
High 8Bit
S
Separated
Read/write
transaction
……
……
……
I
2C Address
P
……
……
R/W
R/W
D6
D0
D1
D7
0
1
...
6
7
8
Ack
……
Stop
Register Data
Low 8Bit
D6
D0
D1
D7
0
1
...
6
7
8
Ack
……
Register Data
Low 8Bit
Figure 10
AW9136 I2C Read Timing
9.4
OSCILLATOR
AW9136 has an internal OSC for Capacitive touch module and LED driver module. GCR.SENE=1 can enable
capacitive touch mode and GCR.LENE=1 can enable LED driver. The OSC start work and the start-up time is
about 5 us. When GCR.SENE=0 & GCR.LEDE=0, the OSC module stops.
9.5
CAPACITIVE TOUCH DETECTION
AW9136 with self capacitive touch SIGMA-DELTA CDC detects the difference of capacitive sensor and
judges the finger touch or not. Typically the key capacitance consist of the sensing electrode and GND
without finger touching. When the finger with a conductive characteristics approaches, finger-Media-PCB
constitute a parallel plate capacitor and the key capacitance parallel capacitor on the parasitic capacitance,
resulting in buttons increasing capacitance. In general, because of the difference of electrode size and
dielectric materials, the capacitive value of finger input is about 0.5pF~5pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com