Electronic Components Datasheet Search
  English  ▼

X  

AW9201 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW9201
Description  Single Key Capacitive Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9201 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW9201 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW9201 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW9201 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW9201 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW9201 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW9201 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW9201 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW9201 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9201 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AW9201
Nov 2017 V1.1
www.awinic.com.cn
4
Copyright © 2014 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ABSOLUTE MAXIMUM RATINGS
(NOTE 1)
PARAMETERS
RANGE
Supply voltage range VCC
-0.3V to 3.6V
Input voltage range
SCL, SDA
-0.3V to 3.6V
Output voltage range
SDA, INTN
-0.3V to 3.6V
Junction-to-ambient thermal resistance
θJA
60℃/W
Operating free-air temperature range
-40℃ to 85℃
Maximum Junction temperature TJMAX
125℃
Storage temperature TSTG
-55℃ to 150℃
Lead Temperature (Soldering 10 Seconds)
260℃
ESD(NOTE 2)
HBM (human body model)
±4kV
Latch-up
Test Condition: JEDEC STANDARD NO.78B DECEMBER 2008
+IT:450mA
-IT:-450mA
NOTE1: Conditions out of those ranges listed in "absolute maximum ratings" may cause permanent damages
to the device. In spite of the limits above, functional operation conditions of the device should within the
ranges listed in "recommended operating conditions". Exposure to absolute-maximum-rated conditions for
prolonged periods may affect device reliability.
NOTE2: The human body model is a 100pF capacitor
discharged through a 1.5kΩ resistor into each pin. Test
method: MIL-STD-883G Method 3015.7
ELECTRICAL CHARACTERISTICS
Circuit of Figure 5, VCC=3.0V, TA=25℃ for typical values (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VCC
Power supply
-
2.5
2.8
3.6
V
ISTANDBY
Current in Standby mode
GCR=0x00
75
95
115
A
INORMAL
Current in Normal mode
GCR=0x02
600
780
880
A
IIDLE
Current in IDLE mode
GCR=0x02
SCFG3=0x9A
550
680
800
A
FOSC
Internal oscillator frequency
accuracy (16MHz)
14.4
16
17.6
MHz
Digital Logical Interface
VIL
Logic input high level
SDA,SCL
-0.3
0.45
V
VIH
Logic input low level
SDA,SCL
0.9
V
IIL
Low level input current
SDA,SCL
5
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com