Electronic Components Datasheet Search
  English  ▼

X  

AW9203 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW9203
Description  3-Key Capacitive Touch Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9203 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW9203 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW9203 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW9203 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW9203 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW9203 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW9203 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW9203 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW9203 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9203 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
AW9203
June 2018 V1.2
www.awinic.com.cn
4
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
1
PIN CONFIGURATION AND TOP MARK
Top View
9203-AW9203CSR
XXXX-Production Tracing Code
Top View
SDA
AD
PDN
INT
REXT
GND
S1
S2
S3
CINT
GND
SCL
VBAT
1
2
3
4
A
B
C
D
2
PIN DEFINITION
No.
NAME
DESCRIPTION
A1
GND
Ground
A2
A3
SCL
Clock input of I2C Interface
A4
VBAT
Power supply (3.0V to 4.5V)
B1
B2
SDA
Data I/O of I2C Interface
B3
AD
I2C Address Select
B4
PDN
Power-down input , low active, internal 1M
Ω pull-down resistor
C1
C2
INTN
Open-drain Interrupt output, low active. Typically connected to VIO
via a 4.7k
Ω resistor
C3
REXT
External resistor for adjusting sensitivity (typical is 10k
Ω)
C4
GND
Ground
D1
S1
Capacitive Touch Input S1
D2
S2
Capacitive Touch Input S2
D3
S3
Capacitive Touch Input S3
D4
CINT
External reference capacitor(typical is 4.7nF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com