Electronic Components Datasheet Search
  English  ▼

X  

AW9233CSR Datasheet(PDF) 1 Page - Shanghai awinic technology co.,ltd

Part # AW9233CSR
Description  3-Key Capacitive Touch Controller Integrated with 3-LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9233CSR Datasheet(HTML) 1 Page - Shanghai awinic technology co.,ltd

  AW9233CSR Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
AW9233
June 2018 V1.2
www.awinic.com.cn
1
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
3-Key Capacitive Touch Controller Integrated with 3-LED Driver
FEATURES
3 Capacitive key with sensitivity configurable
RF Noise Filter
Tap Gesture detection (Single/Double/Triple click
and slide gesture)
Automatic Calibration for Environmental Change
Intrinsic Capacitance Compensation
8-level LED Maximum Current for each LED,
max 24.5mA
256-level Linear/Logarithmic PWM Dimming,9
bits PWM resolution
Capacitive Touch status trigger internal LED
program to create complicated touch feedback
Compatible I2C Interface, VIO: 1.8V ~ 3.3V
Single Power Supply, Voltage Range:
3.0V ~
4.5V
CSP1.59mm×1.75mm×0.57mm-16L Package
APPLICATIONS
Mobile Phones, MID
Portable Media Player
Home Appliances
GENERAL DESCRIPTION
AW9233 integrates 3 capacitive sensor and a
SRAM program-controlled 3 LED driver. By special
programming and register configuring,the touch or
gesture can trigger predefined lighting program to
generate funny and
complicated LED effect,
without the aid of external MCU.
The
capacitive
sensor
takes
advantage
of
advanced
Sigma-delta
capacitance
digital
conversion technology to achieve high sensitivity
and anti-noise capacitance detection. With internal
DSP algorithm, the touch and gesture event can be
detected and reported in status register and
external interrupt pin.
3 LED driver uses common anode current source
and PWM dimming. Each LED is 8-level driver
current selectable with dimming independently
controlled
by
external
MCU
or
internal
256word*16bit SRAM program.
Compatible I2C interface of 400kHz fast mode is
provided, the package is CSP1.59mm×1.75mm×
0.57mm-16L. It requires only 3.0V-4.5V single
power supply.
TYPICAL APPLICATION CIRCUIT
GND
GND
LED1
LED2
LED3
SCL
SDA
CINT
REXT
INTN
S1
S2
S3
MCU/BB
INTN
SDA
SCL
VIO
4.7nF
10k
4.7k
x3
AW9233
VBAT
PDN
GPO
510 x3
VBAT
1uF
AD
KEY PAD1
KEY PAD2
KEY PAD3
Figure 1
AW9233 Typical Application Circuit


Similar Part No. - AW9233CSR

ManufacturerPart #DatasheetDescription
logo
Shanghai awinic technol...
AW9201 AWINIC-AW9201 Datasheet
1,016Kb / 22P
Single Key Capacitive Controller
AW9201QNR AWINIC-AW9201QNR Datasheet
1,016Kb / 22P
Single Key Capacitive Controller
AW9203 AWINIC-AW9203 Datasheet
1Mb / 30P
3-Key Capacitive Touch Controller
AW9203CSR AWINIC-AW9203CSR Datasheet
1Mb / 30P
3-Key Capacitive Touch Controller
More results

Similar Description - AW9233CSR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE821 STMICROELECTRONICS-STMPE821_09 Datasheet
661Kb / 55P
8-channel capacitive touch key controller
06-Apr-2009
logo
List of Unclassifed Man...
IQS213 ETC2-IQS213 Datasheet
1Mb / 46P
3-Channel Capacitive Touch/Swipe Function Controller
logo
Microchip Technology
CAP1133 MICROCHIP-CAP1133 Datasheet
931Kb / 63P
3 Channel Capacitive Touch Sensor with 3 LED Drivers
01/27/15
CAP1293 MICROCHIP-CAP1293 Datasheet
591Kb / 63P
3-Channel Capacitive Touch Sensor with Proximity
07/14/15
logo
Avia Semiconductor Co.,...
HX610 AVIA-HX610 Datasheet
56Kb / 1P
6-Key Capacitive Touch Key Controller
HX612 AVIA-HX612 Datasheet
55Kb / 1P
Capacitive Touch Key Controller (over 25 keys)
logo
Shanghai awinic technol...
AW9119 AWINIC-AW9119 Datasheet
2Mb / 42P
1-Key Capacitive Touch Controller Integrated with 9-LED Driver
AW9136 AWINIC-AW9136 Datasheet
2Mb / 46P
3-Key Capacitive Touch Controller Integrated with 6-LED Driver
AW9163 AWINIC-AW9163 Datasheet
2Mb / 46P
6-Key Capacitive Touch Controller Integrated with 3-LED Driver
AW9203 AWINIC-AW9203 Datasheet
1Mb / 30P
3-Key Capacitive Touch Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com