Electronic Components Datasheet Search
  English  ▼

X  

AW9356 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW9356
Description  6LIght-lIghtIng low-voltage optical anode and white light LED Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9356 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW9356 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW9356 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW9356 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW9356 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW9356 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW9356 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW9356 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW9356 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9356 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AW9356 产品手册
2013 年 6 月 V1.4
版权所有© 2013 上海艾为电子技术有限公司
第 4 页 共 11 页
引脚定义及功能
TQFN 管脚
符号
描述
1
LED6
LED6 引脚,此引脚不用时悬空
2
LED5
LED5 引脚,此引脚不用时悬空
3
LED4
LED4 引脚,此引脚不用时悬空
4
LED3
LED3 引脚,此引脚不用时悬空
5
LED2
LED2 引脚,此引脚不用时悬空
6
LED1
LED1 引脚,此引脚不用时悬空
7
GND
地
8
VIN
电源电压输入引脚
9
NC
浮空
10
NC
浮空
11
NC
浮空
12
NC
浮空
13
VIN
电源电压输入引脚
14
GND
地
15
EN
使能引脚,高有效,内置约 100K
Ω 下拉电阻
16
NC
浮空
17
GND
地



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com