Electronic Components Datasheet Search
  English  ▼

X  

AW9364 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW9364
Description  4-Channel 1-wire Dimming LED Driver with Ultra Low Dropout Current Source
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9364 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW9364 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW9364 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW9364 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW9364 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW9364 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW9364 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW9364 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW9364 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9364 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AW9364
January 2018 V2.2
www.awinic.com.cn
4
Copyright © 2018 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ORDERING INFORMATION
Order Num-
ber
Temperature
Range
Package
Marking
Moisture
sensitivity
level
Environmental
Information
Packing
Type
AW9364DNR
-40℃~85℃
DFN2x2-8L
AL64
MSL3
RoHS+HF
3000
units/Tape
and Reel
AW9364
Shipping
Package Type
Package Type
Shipping
R :Tape & Reel
DN:DFN2x2-8L
ABSOLUTE MAXIMUM RATINGS(1)
Parameter
Range
Supply Voltage VDD
-0.3V to 6 V
Input Voltage EN
-0.3V to 6 V
Power Dissipation, ( PD@ TA=25℃)
0.44 W
Maximum Junction Temperature
125℃
Storage Temperature Range
-65℃ to 150℃
Lead Temperature (Soldering 10 Seconds)
260℃
Package Thermal Resistance θJA
76℃/W
ESD Rating(2)
Human Body Model
±8000 V
Latch-up(3)
Latch-up current maximum rating per JEDEC
standard
+IT:450mA
-IT:-450mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com