Electronic Components Datasheet Search
  English  ▼

X  

AW9666 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW9666
Description  6-Channels 1-Wire Brightness Adaptive Four Mode Charge Pump White LED Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9666 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW9666 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW9666 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW9666 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW9666 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW9666 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW9666 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW9666 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW9666 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9666 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AW9666
March 2018 V1.1
www.awinic.com.cn
4
Copyright © 2018 SHANGHAI AWINIC TECHNOLOGY CO., LTD
VOUT
Output over voltage protection
VIN=4.2V, all LEDs uncon-
nected
4.80
V
Startup time
COUT=1μF,IDX≥0.9×IDX_SET
280
μs
Soft start duration
150
μs
f
Switching frequency
1.33Xmode and 2Xmode
0.5
0.7
0.9
MHz
1.5Xmode
0.7
1.0
1.3
MHz
η
Efficiency
VIN=3.7V, VLED=3.2V,
ILED=21mA
86.4
%
Over temperature Protection
145
℃
Over temperature Protection
hysteresis
24
℃
Output over current protection
EN=1
800
mA
Output short-to-GND current
limit
Vout pin is shorted to GND
75
mA
CURRENT SINK
ILED_max
Each LED maximum current
3.0V
≤VIN≤5.5V
-10%
21
+10%
mA
Current matching between
any two leds
(ILED_Max-ILED_Min)/
(ILED_Max+ILED_Min)
TA=25℃, VLED=3.2V
±1
%
VD1_NOM
D1pin voltage
VIN=3.8V,ILED=21mA
300
mV
ENABLE
VIH
Low input threshold
1.4
V
VIL
High input threshold
0.4
V
REN
Internal pull-down resistor
200
K
Ω
TLO
EN low time for dimming
0.5
500
μs
THI_MIN
Minimum EN high time for
dimming
0.5
μs
TSHDN
Shutdown delay time
Delay time when EN from1
to 0 after AW9666 from work
to shutdown
0.8
2.5
ms
Note1: Stresses beyond those listed under "absolute maxi-
mum ratings" may cause permanent damage to the device.
These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indi-
cated under "recommended operating conditions" is not
implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
Note2: The human body model is a 100pF capacitor dis-
charged through a 1.5k
Ω resistor into each pin. Test method:
MIL-STD-883G Method 3015.8
Note3: Test Condition: JEDEC STANDARD NO.78A
FEBRUARY 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com